Electronic Components Datasheet Search
  English  ▼

X  

FP-1103 Datasheet(PDF) 9 Page - TOKYO KEISO CO.,LTD.

Part # FP-1103
Description  FLOAT TYPE TANK GAUGES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FP-1103 Datasheet(HTML) 9 Page - TOKYO KEISO CO.,LTD.

Back Button FP-1103 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FT-1000/FP-1000 FLOAT TYPE TANK GAUGES
TG-L2512-E00
TOKYO KEISO CO., LTD.
9
11/2"
Flange
11/2"Flange
1000
390
610
①
④
⑤ ②
⑥ ⑦
③
⑧
100
100
73
146
73
①
⑤
④
⑧
③
⑥
③
⑦
②
11/2"
Flange
11/2"
Flange
SEALING POT
For toxic, corrosive and inflammable vapour producing liquid tanks
U-shaped or V-shaped sealing pot is normally provided to isolate
tank inside from indicator mechanism as shown below.
Non-evaporating liquids. i, e, silicone oil. Spindle oil, paraffin oil
etc, are used.
V Shaped Seal Pot
(Flange type)
SPECIAL VERSIONS
● ANCHOR WEIGHT TYPE
To install onto existing tanks without welding, Anchor weight sys-
tem is offered. By utilizing Manhole cover on the tank roof, guide
wires are hung from tank top.
U Shaped Seal Pot
(Flange type)
● CHAMBER GUIDE, SMALL SIZED FLOAT TYPE
For underground concrete pits, etc., 6" internal chamber is provid-
ed to guide float. Small sized float of 135 mm diameter is normally
used.
Process connection
Flange or screw
Shut-off Pressure
Standard 4 kPa
Material
SGP, SUS304, SUS316, AC2A, FC250, SCS13, SCS14
Sealing liquid
Supplied by customer
Volume of sealing liquid
Approx. 1L
Air
vent
hole
(6B)
(6B)
Tank side installation
Tank top installation
Float
φ135
Air
vent
hole
Tank side installation
440
50
φ3
443
φ400
440
Guide wire
Float
Anchor weight
Anchor weight
Indicator
Guide wire knob Guide Elbow
Measuring
tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com