Electronic Components Datasheet Search
  English  ▼

X  

FP-1103 Datasheet(PDF) 8 Page - TOKYO KEISO CO.,LTD.

Part # FP-1103
Description  FLOAT TYPE TANK GAUGES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FP-1103 Datasheet(HTML) 8 Page - TOKYO KEISO CO.,LTD.

Back Button FP-1103 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. FP-1103 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FT-1000/FP-1000 FLOAT TYPE TANK GAUGES
TG-L2512-E00
8
TOKYO KEISO CO., LTD.
COMPONENTS for Floating Roof Tank application (FT-1 □□ 2)
CONPONENTS for pipe Sealing type (FP-1000)
INDICATOR
FLOAT
90°GUIDE ELBOW
WIRE GUIDE
TAPE-WIRE JOINT
BUSHING ASSEMBLY
φ400
440
500
2-φ30
100
11/2 "
Flange
□13
φ70
P.C.D.44
L=35
M10
φ20
φ10
120°
EVEN
3-φ11
11/2"Screw
φ5
(φ60)
① INDICATOR BODY
⑤ HOISTING MECHANISM
② GASKET
⑥ FLANGE
③ REAR COVER
⑦ PLUG
④ INDICATION UNIT
⑧ TRASMITTER CONNECTOR
FOLLOWING MAGNET
FLOAT
GUIDE PIPE ASSEMBLY
90°GUIDE ELBOW
INDICATOR
100
φ34
φ400
φ25
Tape
SUS304
SUS304
t: Packing
Stopper
φ28
φ31
40A
Pipe
φ34.7
φ42.7
11/2"
Flange
11/2"
Flange
11/2"
Flange
① INDICATOR BODY
⑤ HOISTING MECHANISM
② GASKET
⑥ FLANGE
③ REAR COVER
⑦ PLUG
④ INDICATION UNIT
⑧ TRASMITTER CONNECTOR
Depth20
4×M12
measurement
150
69
320
6
40A Flange⦆
8
1
2
4
5
7
3
Depth20
4×M12
measurement
150
69
320
6
40A Flange⦆
8
1
2
4
5
7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com