Electronic Components Datasheet Search
  English  ▼

X  

IP2313 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP2313
Description  High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2313 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP2313 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IP2313
V1.0
http://www.injoinic.com/
5 / 11
Copyright © 2021, Injoinic Corp.
涓流截止电压
VTRKL
2.9
3
3.1
V
再充电阈值
VRCH
3.95
4.05
4.15
V
充电截止时间
TEND
20
24
28
Hour
充电开关频率
fs
600
750
850
KHz
PMOS 导通电阻
rDSON
VBAT=3.7V
30
35
45
mΩ
NMOS 导通电阻
VBAT=3.7V
20
25
35
mΩ
电池输入待机电流
ISTB
VIN=0V,VBAT=3.7V
40
80
120
uA
LED 显示驱动电流
IL1
IL2
2
10
20
mA
热关断温度
TOTP
上升温度
125
135
150
℃
热关断温度迟滞
ΔTOTP
30
40
50
℃
11 功能描述
框图结构
图 4 IP2313 内部框图



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com