Electronic Components Datasheet Search
  English  ▼

X  

IP2313 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP2313
Description  High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2313 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP2313 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IP2313
V1.0
http://www.injoinic.com/
10 / 11
Copyright © 2021, Injoinic Corp.
14 封装信息
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
--
--
1.65
A1
0.05
--
0.15
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
--
0.48
b1
0.38
0.41
0.43
c
0.21
--
0.25
c1
0.19
0.20
0.21
D
4.70
4.90
5.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
1.27BSC
L
0.50
0.60
0.80
L1
1.05BSC
θ
0
--
8º
D1
--
2.09
--
E2
--
2.09
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com