Electronic Components Datasheet Search
  English  ▼

X  

IP2313 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP2313
Description  High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2313 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP2313 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IP2313
V1.0
http://www.injoinic.com/
6 / 11
Copyright © 2021, Injoinic Corp.
同步开关降压转换器
IP2313集成一个BUCK同步开关降压充电控制器,开关频率为750KHz,5V输入,电池电压为3.7V时,充
电效率接近
93%。
充电过程描述
IP2313采用完整的CC/CV充电模式。
当电池电压低于
3V时,进入涓流充电模式,以250mA的充电电流对电池充电。
当电池电压大于
3V后,进入恒流充电模式,以设定的恒流充电电流对电池充电。
进入恒压充电模式后,如果充电电流小于停充电流后,过
16s停止充电,并检测电池电压是否高于
4.17V:如果高于4.17V,就停止充电;如果低于4.17V,就继续充电,然后过16s之后继续检测。
充电完成后,若检测到电池电压低于
4.1V,重新开启电池充电。
充电保护
IP2313 具有完善的保护功能。内置软启动功能,防止在启动时的冲击电流过大引起故障,集成输入
过压、欠压,过温等保护功能,确保系统稳定可靠的工作。
IP2313 具有 VIN 输入稳压环路, VIN 输入环路会自动调整充电电流,当 IP2313 检测到输入电压接近欠
压阈值
4.5V 后,就会自动调整降低充电电流,使输入电压稳定在 4.5V,确保适配器不会断充。



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com