Electronic Components Datasheet Search
  English  ▼

X  

9DBL0853ANDGI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 4Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 5Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 11Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Electrical Characteristics
Table 3. Additive PCIe Phase Jitter (Fan-out Buffer Mode) [a] [b]
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Industry
Limit
Units
tjphPCIeG1-CC
Additive PCIe Phase
Jitter
(Common Clocked
Architecture)
PCIe Gen1 (2.5 GT/s)
SSC < -0.5%
–
2.6
5.0
86
ps
(pk-pk)
tjphPCIeG2-CC
PCIe Gen2 Hi Band (5.0 GT/s)
SSC < -0.5%
–
0.357
0.428
3.1
ps
(RMS)
PCIe Gen2 Lo Band (5.0 GT/s)
SSC < -0.5%
–
0.023
0.033
3
ps
(RMS)
tjphPCIeG3-CC
PCIe Gen3 (8.0 GT/s)
SSC < -0.5%
–
0.091
0.149
1
ps
(RMS)
tjphPCIeG4-CC
PCIe Gen4 (16.0 GT/s) [c] [d]
SSC < -0.5%
–
0.092
0.156
0.5
ps
(RMS)
tjphPCIeG5-CC
PCIe Gen5 (32.0 GT/s) [c] [e]
SSC < -0.5%
–
0.031
0.059
0.15
ps
(RMS)
tjphPCIeG1-SRIS
Additive PCIe Phase
Jitter
(SRIS Architecture) [f]
PCIe Gen1 (2.5 GT/s)
SSC < -0.3%
–
N/A
N/A
N/A
ps
(pk-pk)
tjphPCIeG2-SRIS
PCIe Gen2 Band (5.0 GT/s)
SSC < -0.3%
–
0.455
0.524
N/A
ps
(RMS)
tjphPCIeG3-SRIS
PCIe Gen3 (8.0 GT/s)
SSC < -0.3%
–
0.131
0.150
N/A
ps
(RMS)
tjphPCIeG4-SRIS
PCIe Gen4 (16.0 GT/s) [c] [d]
SSC < -0.3%
–
0.111
0.128
N/A
ps
(RMS)
tjphPCIeG5-SRIS
PCIe Gen5 (32.0 GT/s) [c] [e]
SSC < -0.3%
–
0.040
0.045
N/A
ps
(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com