Electronic Components Datasheet Search
  English  ▼

X  

9DBL0853ANDGI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DBL0853ANDGI Datasheet HTML 1Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 2Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 3Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 4Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 5Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
©2020 Renesas Electronics Corporation
December 9, 2022
Description
The 9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 buffers are
low-power, high-performance members of Renesas' full featured
PCIe family. The buffers support PCIe Gen1–5 and provide a Loss
of Signal (LOS) indicator.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with/without SSC (SRIS, SRNS)
Typical Applications
▪ PCIe Riser Cards
▪ nVME Storage
▪ Networking
▪ Accelerators
▪ Industrial Control/Embedded
Key Specifications
▪ Additive PCIe Gen5 CC jitter < 60fs RMS (fanout mode)
▪ PCIe Gen5 CC jitter < 150fs RMS (High-BW ZDB Mode)
Features
▪ LOS open-drain output indicates loss of input clock
▪ 2 to 8 Low-Power HCSL (LP-HCSL) outputs eliminate 4
resistors per output pair
▪ 9DBLxx4x devices provide integrated 100Ω terminations
▪ 9DBLxx5x devices provide integrated 85Ω terminations
▪ See AN-891 for easy coupling to other logic families
▪ Spread-spectrum compatible
▪ Dedicated OE# pin for each output
▪ 1MHz to 200MHz operation in fan-out mode
▪ 3 selectable SMBus addresses
▪ Extensive SMBus-selectable features allow optimization to
customer requirements
▪ SMBus interface not required for device operation
▪ -40°C to +85°C operating temperature range
▪ Space-saving 4 × 4 mm 24-VFQFPN to 6 × 6 mm 48-VFQFPN
packages (see Ordering Information table for details)
Block Diagram
DIFn#
PLL
CLK_IN
CLK_IN#
^vHIBW_BYPM-LOBW#
DIFn
DIF0
DIF0#
Control Logic
^CKPWRGD_PD#
2, 4, 6, 8
Outputs
n = 1, 3, 5, 7
vOE[n:0]#
SDATA_3.3
SCLK_3.3
Factory
Configuration
SMBus
Engine
vSADR_tri
FB_DNC#
FB_DNC#
n+1
LOS
LOS
Logic
2 to 8-Output 3.3V PCIe
Zero-Delay/Fanout Buffers with LOS
9DBL02x3/9DBL04x3/
9DBL06x3/9DBL08x3
Datasheet


Similar Part No. - 9DBL0853ANDGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBL0853ANDGI RENESAS-9DBL0853ANDGI Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
9DBL0853ANDGI8 RENESAS-9DBL0853ANDGI8 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results

Similar Description - 9DBL0853ANDGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0243 IDT-9DBL0243 Datasheet
387Kb / 22P
2-Output 3.3V LP-HCSL Zero-Delay Buffer with LOS Indicator
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com