Electronic Components Datasheet Search
  English  ▼

X  

280 Datasheet(PDF) 2 Page - CTS Corporation

Part # 280
Description  Commercial Miniature 16mm Diameter Composition Variable Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

280 Datasheet(HTML) 2 Page - CTS Corporation

  280 Datasheet HTML 1Page - CTS Corporation 280 Datasheet HTML 2Page - CTS Corporation 280 Datasheet HTML 3Page - CTS Corporation 280 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSION:
mm
INCH
.492
12.50
.311±.005
7.9±0.13
MAX.
.055
.269±.002
.197±.002
.394±.002
10.00±0.05
.646
.016
.402±.016
.441
.335
8.5
.709
.031
MTG. SURFACE
Ø1.40 (3)
5.00±0.05
6.83±0.05
MTG. SURFACE
10.2±0.4
"A"±0.4
"L"±0.8
3/8-32UNEF-2A
18.00
MAX.
16.4
11.20
X280 Metal Shaft, Bushing Mounting, Printed Circuit Type "X" Terminals
M7X.75P
.100±.002
2.54±0.05
12.70±0.05
.500±.002
.250±.002
.082±.002
.055
5.00±0.05
.197±.002
.750±.002
.375±.002
.646
.441
.335
.492
8.5
.780
.709
"L"± .031
0.8
.016
0.4
.402±.016
Ø1.40 (3)HL'S
9.53±0.05
19.06±0.05
6.35±0.05
MTG. SURFACE
Ø2.08±0.05 (4)HL'S
19.8
12.5
10.2±0.4
MTG. SURFACE
A±
11.2
MAX.
18.0
16.4
B280 Metal Shaft, Die casting bushing, "XB" style Terminals with Bracket
DIMENSION:
mm
INCH
2 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/25/06
CTS Electronic Components
www.ctscorp.com
.709
.311±.002
.086X.060
HL'S(3)
.646
.115±.003
.441
.335
.429
±.016
±.031
.402±.016
MTG. SURFACE
10.2±0.4
"A"±0.4
"L"±0.8
3/8-32UNEF-2A
7.9±.013
2.18X1.52
10.9
11.2
MAX.
8.5
2.92±0.08
16.4
18.0
MAX.
T280 Metal Shaft, Bushing mount, Type “T” Solder Lug Terminals
DIMENSION: mm
INCH
1
2
3
1
2
3
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com