Electronic Components Datasheet Search
  English  ▼

X  

280 Datasheet(PDF) 4 Page - CTS Corporation

Part # 280
Description  Commercial Miniature 16mm Diameter Composition Variable Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

280 Datasheet(HTML) 4 Page - CTS Corporation

  280 Datasheet HTML 1Page - CTS Corporation 280 Datasheet HTML 2Page - CTS Corporation 280 Datasheet HTML 3Page - CTS Corporation 280 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MOUNTING STYLE “A”
BUSHING LENGTH:
1/8" (3.2mm) INCREMENTS
EXAMPLES:
mm
inch
A – 5.0mm
2 – .250"
B – 6.35mm
3 – .375"
C – 7.0mm
8 – 1.000"
D – 9.5mm
ALL
ALL
M8 x .75P
3/8-32 UNEF
SHAFT LENGTH “L”
FROM MOUNTING SURFACE
1/32" (0.8mm) INCREMENTS
EXAMPLES:
mm
inch
A0 – 10mm
20 – .625"
A5 – 15mm
24 – .750"
B0 – 20mm
28 – .875"
B5 – 25mm
32 – 1.000"
C0 – 30mm
C5 – 35mm
ALL
6.0mm Dia.
TERMINAL STYLE
B – XB STYLE
T – SOLDER LUG
X – PC (X STYLE)
V – PC FORMED
TO REAR
Ordering Information
RESIST TOL
B – ±20%
C – ±30%
SHAFT TRIM
R – ROUND
F – F x 4.5mm
(For metric size)
.375 x .156"
(For inch size)
K – 18 TEETH
(For metric size)
24 TEETH
(For inch size)
S – SD SLOT
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW AUD
SPECIALS
1 – NONE
2 – CENTER
DETENT
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
280
X
103
20
2
R
B
1
5
1
LINEARITY
5 – ±5%
3 – ±3%
Consult CTS for
details.
*
ALL
.250" Dia.
V280-SPL Hollow Shaft Type, Printed Circuit “X” Type Terminals,
RECOMMENDED PCB LAYOUT
Ø7.50
5.00
0.99 TYP.
Ø1.90
3.41
17.06
2.00
4.05
1.20
16.40
18.00 MAX.
MOUNTING SURFACE
10.19
.401
Ø .160
.709
.047
.646
(2)
.197
.039
5.00(2)
.197
.055
Ø1.40 (3)HL'S.
.295
.075
.672
Z – 4.8mm M7 x .75P
0 – Hollow Type
00 – Hollow Type
0 – HOLLOW TYPE
2 – ±2%
*
4 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/25/06
CTS Electronic Components
www.ctscorp.com
DIMENSION:
mm
INCH
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
1
2
3
360 degree endless rotation angle.
A – ±10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com