Electronic Components Datasheet Search
  English  ▼

X  

280 Datasheet(PDF) 1 Page - CTS Corporation

Part # 280
Description  Commercial Miniature 16mm Diameter Composition Variable Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

280 Datasheet(HTML) 1 Page - CTS Corporation

  280 Datasheet HTML 1Page - CTS Corporation 280 Datasheet HTML 2Page - CTS Corporation 280 Datasheet HTML 3Page - CTS Corporation 280 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Commercial
Miniature
16mm Diameter
Composition
Variable Resistors
• Miniature 16mm style
• Bushing mounted with PC
terminals and shaft parallel or
perpendicular to PC board
• Single, tandem or concentric units
Available with:
• Molded or metal shafts
• ± 2% Linearity
• Center detent
Series 280
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 5 megohms (linear taper).
Resistance Tolerance
Standard:±30%
Special: ±20%, ±10%
Power Rating, Watts
1/4 watt per section through 10K ohms
1/8 watt per section above 10K ohms
Full rating @ 55°C derated to no load at 85°C
for linear tapers (derating required on
multiple section controls).
Voltage Rating
Bushings to Terminals:
High pot test, one minute—750 VAC
Operating maximum—500 VDC
Across End Terminals:
350 VDC, load not to exceed power rating.
Insulation Resistance
100 megohms minimum @ 250 VDC
Rotational Angle
Total Rotation: 300°±5°
Effective Rotation: 300°(approximate)
Rotational Torque
21.6~216 g-cm (0.3~3 in-oz)
Features
Locating Lugs
Available without lugs
Mounting Information
Standard: Bushing mount
Diameter: 3/8”-32UNEF-2A or M8 x .75P thread
Standard Length: 9.53mm(.375”) or 6.35mm(.250”)
Special Length: Available as required
• RoHs compliant
1 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/25/06
CTS Electronic Components
www.ctscorp.com
Life Cycle
Standard: 10K cycles
Special: 100K ~ 500K cycles.
Special: PCB, Bracket mount


Similar Part No. - 280

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
logo
Glenair, Inc.
280-003 GLENAIR-280-003 Datasheet
455Kb / 2P
Glass-Sealed D-Subminiature Receptacle
280-003 GLENAIR-280-003 Datasheet
337Kb / 2P
Glass-Sealed D-Subminiature Receptacle
280-003FT1P GLENAIR-280-003FT1P Datasheet
455Kb / 2P
Glass-Sealed D-Subminiature Receptacle
280-003FT1X GLENAIR-280-003FT1X Datasheet
455Kb / 2P
Glass-Sealed D-Subminiature Receptacle
More results

Similar Description - 280

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
Commercial Composition 9mm Diameter Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
270 CTS-270 Datasheet
1Mb / 6P
Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
Carbon Composition Resistors
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com