Electronic Components Datasheet Search
  English  ▼

X  

280 Datasheet(PDF) 3 Page - CTS Corporation

Part # 280
Description  Commercial Miniature 16mm Diameter Composition Variable Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

280 Datasheet(HTML) 3 Page - CTS Corporation

  280 Datasheet HTML 1Page - CTS Corporation 280 Datasheet HTML 2Page - CTS Corporation 280 Datasheet HTML 3Page - CTS Corporation 280 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
3/8-32UNEF-2A
.311±.005
7.9±0.13
.319±.002
.145±.002
.197±.002
.394±.002
.055
.594±.016
"L"± .016
0.4
0.4
.016
.492
.441
.335
.709
.646
11.2
MTG. SURFACE
Ø1.40 (6)HL'S.
MTG. SURFACE
10.00±0.05
3.68±0.05
8.10±0.05
5.00±0.05
MAX.
MAX.
12.5
8.5
16.4
18.0
15.1±0.4
"A"±
Ø2.08±0.05 (4)HL'S.
.082±.002
.500±.002
12.70±0.05
"L"±
.709
.311±.005
.335
.646
.492
.252
.031
.016
3/8-32UNEF-2A
.402±.016
6.4
10.2±0.4
0.8
0.4
"A"±
MTG. SURFACE
7.9±.013
MAX.
8.5
18.0
MAX.
16.4
12.5
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
CENTER LINE OF POT
DIMENSION:
mm
INCH
.295±.002
.100±.002
6.35±0.05
.250±.002
.500±.002
.394±.002
.082±.002
.055
.197±.002
.375±.002
.750±.002
.646
.311±.005
.492
.441
.335
.709
.780
0.8
.031
"L1"±
"A"± .016
0.4
0.8
.031
.594±.016
3/8-32 UNEF-2A
"L2"±
12.5
MAX.
MTG. SURFACE
7.9±0.13
16.4
11.2
8.5
MAX.
19.8
18.0
15.1±0.4
Ø2.08±0.05 (4)HL'S.
Ø1.40 (6)HL'S.
MTG. SURFACE.
10.00±0.05
12.70±0.05
7.49±0.05
2.54±0.05
19.06±0.05
9.53±0.05
5.00±0.05
V280 Metal Shaft, Bushing Mounting, Printed Circuit Type "V" Terminals
X2-280 Dual Section, Metal Shaft, Bushing Mounting, Printed Circuit Type "X" Terminals
BC2-280 Dual Section, Metal Shaft, Bushing Mounting, Printed Circuit Type "XB" Terminals
with Bracket
3 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/25/06
CTS Electronic Components
www.ctscorp.com
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB LAYOUT
1
2
3
WIPER
WIPER
5
6
4
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
6
5
4
1
2
3
6
5
4
WIPER
WIPER
5
6
4
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com