Electronic Components Datasheet Search
  English  ▼

X  

D4N-4FRE Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D4N-4FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-4FRE Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D4N-4FRE Datasheet HTML 3Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 4Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 5Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 6Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 7Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 8Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 9Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 10Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
D4N
7
Structure and Nomenclature
Structure
Direct Opening Mechanism
1NC/1NO Contact (Slow-action)
2NC Contact (Slow-action)
Pg13.5
G1/2
M20
M12 connector
Note: M12 connector types are not available for
Switches with three contacts.
Head
The direction of the switch head can be varied to any of
the four directions. (Roller plunger models can be
mounted in either of two directions at a 90° angle.)
Conduit Opening
A wide variety of conduits is available.
Built-in Switch
The built-in switch has a direct opening mechanism
that forcibly separates the NC contact even when
there is contact deposit.
Safety-oriented Lever Setting
(Form-lock construction)
Grooves which engage the lever are cut in the lever and
rotary shaft to prevent the lever from slipping against the
rotary shaft.
There are resin-lever and metal-lever types.
Cover
The cover, with a hinge on its lower part, can
be opened by removing the screw of the
cover, which ensures ease of maintenance
and wiring.
Size
Box
1-conduit
2-conduit
Yes
Yes
Yes
Yes
---
Yes
Yes
---
Contact spring
Return spring
Fixed contact (NC)
Fixed contact (NO)
Plunger
Movable contact
Conforms to EN60947-5-1 Direct Opening Operation
(Only the NC contact side has a direct opening
mechanism.)
When contact welding occurs, the contacts are
separated from each other by the plunger being
pushed in.
Contact spring
Fixed contact (NC)
Plunger
Movable contact
Return spring
Conforms to EN60947-5-1 Direct Opening Operation
(Both NC contacts have a direct opening
mechanism.)
When contact welding occurs, the contacts are
separated from each other by the plunger being
pushed in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com