Electronic Components Datasheet Search
  English  ▼

X  

D4N-4FRE Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # D4N-4FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-4FRE Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button D4N-4FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 16Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 17Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 18Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 19Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
D4N
19
Recommended Connectors
Use connectors with screws not exceeding 9 mm, otherwise the
screws will protrude into the case interior, interfering with other
components in the case.
The connectors listed in the following table have connectors with
thread sections not exceeding 9 mm.
Use the recommended connectors to ensure conformance to IP67.
Use LAPP connectors together with seal packing (JPK-16, GP-13.5,
or GPM20), and tighten to the specified tightening torque. Seal
packing is sold separately.
• LAPP is a German manufacturer.
Others
• When attaching a cover, be sure that the seal rubber is in place and
that there is no foreign material present. If the cover is attached
with the seal rubber out of place or if foreign material is stuck to the
rubber, a proper seal will not be obtained.
• Do not use any screws to connect the cover other than the
specified ones. The seal characteristics may be reduced.
• Make sure that foreign particles do not enter the head when
removing the screws from the four corners to change the head
position in any of the four directions.
• Use the following recommended countermeasures to prevent
telegraphing when using adjustable or long levers.
1. Make the rear edge of the dog smooth with an angle of 15
° to
30
° or make it in the shape of a quadratic curve.
2. Design the circuit so that no error signal will be generated.
Size
Manufacturer
Model
Applicable cable
diameter
G1/2
LAPP
ST-PF1/2
5380-1002
6.0 to 12.0 mm
Pg13.5
LAPP
ST-13.5
5301-5030
6.0 to 12.0 mm
M20
LAPP
ST-M20
× 1.5
5311-1020
7.0 to 13.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com