Electronic Components Datasheet Search
  English  ▼

X  

D4N-4FRE Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4N-4FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-4FRE Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4N-4FRE Datasheet HTML 1Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 2Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 3Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 4Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 5Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 6Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 7Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 8Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
D4N
5
Specifications
Standards and EC Directives
Conforms to the following EC Directives:
• Machinery Directive
• Low Voltage Directive
• EN50047
• EN60204-1
• EN ISO 14119
• GS-ET-15
Certified Standards
*1. Consult your OMRON representative for details.
*2. Certification for CSA C22.2 No. 14 is authorized by the UL mark.
*3. Ask your OMRON representative for information on certified
models.
Certified Standard Ratings
TÜV (EN60947-5-1), CCC (GB14048.5)
Note: Use a 10 A fuse type
gI or gG that conforms to IEC60269 as a
short-circuit protection device. This fuse is not built into the
Switch.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Q300
Certification
body
Standard
File No.
TÜV SÜD
EN60947-5-1
(certified direct opening)
*1
UL
*2
UL508, CSA C22.2 No.14 E76675
CQC (CCC)
*3
GB14048.5
2004010305105973
Item
Utilization
category
AC-15
DC-13
Rated operating current (Ie)
3 A
0.27 A
Rated operating voltage (Ue) 240 V
250 V
Rated
voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
10 A
60
6
7,200
720
240 VAC
30
3
Rated
voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
125 VDC
2.5 A
0.55
0.55
69
69
250 VDC
0.27
0.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com