Electronic Components Datasheet Search
  English  ▼

X  

D4N-4FRE Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # D4N-4FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-4FRE Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button D4N-4FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 16Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 17Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 18Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 19Page - Omron Electronics LLC D4N-4FRE Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
D4N
17
Safety Precautions
Be sure to read the precautions for All Safety Limit Switches in the website at:http://www.ia.omron.com/.
Indication and Meaning for Safe Use
!CAUTION
• Do not use the Switch submerged in oil or water, or in locations
continuously subject to splashes of oil or water. Doing so may
result in oil or water entering the Switch interior. (The IP67 degree
of protection specification for the Switch refers to water penetration
while the Switch is submersed in water for a specified period of
time.)
• Always attach the cover after completing wiring and before using
the Switch. Also, do not turn ON the Switch with the cover open.
Doing so may result in electric shock.
• Do not switch circuits for two or more standard loads (250 VAC,
3 A). Doing so may adversely affect insulation performance.
The Switch contacts can be used with either standard loads or
microloads. Once the contacts have been used to switch a load,
however, they cannot be used to switch smaller loads. The contact
surfaces will become rough once they have been used and contact
reliability for smaller loads may be reduced.
Mounting Method
Appropriate Tightening Torque
Tighten each of the screws to the specified torque. Loose screws may
result in malfunction of the Switch within a short time.
Switch Mounting
• Mount the Switch using M4 screws and spring washers and tighten
the screws to the specified torque.
• For safety, use screws that cannot be easily removed, or use an
equivalent measure to ensure that the Switch is secure.
• As shown below, two studs with a maximum height of 4.8 mm and
a diameter of 4
mm can be provided, the studs inserted into the
holes on the bottom of the Switch, and the Switch secured at four
locations to increase the mounting strength.
Switch Mounting Holes
• Make sure that the dog contacts the actuator at a right angle.
Applying a load to the switch actuator (roller) on a slant may result
in deformation or damage of the actuator or rotary shaft.
Indicates a potentially hazardous situation
which, if not avoided, may result in minor
or moderate injury or in property damage.
Precautions
for Safe Use
Supplementary comments on what to do
or avoid doing, to use the product safely.
Precautions
for Correct
Use
Supplementary comments on what to do
or avoid doing, to prevent failure to
operate, or undesirable effect on product
performance.
Electric shock may occasionally occur.
Do not use metal connectors or metal conduits.
Precautions for Safe Use
Precautions for Correct Use
1
Terminal screw
0.6 to 0.8 N·m
2
Cover mounting screw
0.5 to 0.7 N·m
3
Head mounting screw
0.5 to 0.6 N·m
4
Lever mounting screw
1.6 to 1.8 N·m
5
Body mounting screw
0.5 to 0.7 N·m
6
Connector, M12 adaptor 1.8 to 2.2 N·m
7
Cap screw
1.3 to 1.7 N·m
CAUTION
One-conduit Type
Two-conduit Type
7
6
3
4
5
1
2
−0.05
−0.15
2.5±0.1
22±0.1
47±0.1
20±0.1
22±0.1
Two, M4
−0.15
4
−0.05 dia.
Height: 4.8 max.
42±0.1
39±0.1
20±0.1
22±0.1
40±0.1
42±0.1
2.5±0.1
5.35±0.1
Two, M4
−0.15
4
−0.05 dia.
Height: 4.8 max.
Dog
Dog
Correct
Incorrect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com