Electronic Components Datasheet Search
  English  ▼

X  

ICS858012 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS858012
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS858012 Datasheet HTML 6Page - Integrated Circuit Systems ICS858012 Datasheet HTML 7Page - Integrated Circuit Systems ICS858012 Datasheet HTML 8Page - Integrated Circuit Systems ICS858012 Datasheet HTML 9Page - Integrated Circuit Systems ICS858012 Datasheet HTML 10Page - Integrated Circuit Systems ICS858012 Datasheet HTML 11Page - Integrated Circuit Systems ICS858012 Datasheet HTML 12Page - Integrated Circuit Systems ICS858012 Datasheet HTML 13Page - Integrated Circuit Systems ICS858012 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
10
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 6A and Figure 6B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
CC - 2V. For VCC = 2.5V, the VCC - 2V is very close to
ground level. The R3 in Figure 6B can be eliminated and the
termination is shown in Figure 6C.
FIGURE 6C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 6B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 6A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
Zo = 50 Ohm
R1
250
+
-
2.5V
2,5V LVPECL
Driv er
R4
62.5
R3
250
Zo = 50 Ohm
2.5V
VCC=2.5V
R1
50
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
+
-
2,5V LVPECL
Driv er
VCC=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
VCC=2.5V
R1
50
R2
50
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com