Electronic Components Datasheet Search
  English  ▼

X  

ICS858012 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS858012
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS858012 Datasheet HTML 7Page - Integrated Circuit Systems ICS858012 Datasheet HTML 8Page - Integrated Circuit Systems ICS858012 Datasheet HTML 9Page - Integrated Circuit Systems ICS858012 Datasheet HTML 10Page - Integrated Circuit Systems ICS858012 Datasheet HTML 11Page - Integrated Circuit Systems ICS858012 Datasheet HTML 12Page - Integrated Circuit Systems ICS858012 Datasheet HTML 13Page - Integrated Circuit Systems ICS858012 Datasheet HTML 14Page - Integrated Circuit Systems ICS858012 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
11
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
θθθθθ
JA at 0 Air Flow (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards
51.5°C/W
TABLE 4. THERMAL RESISTANCE
θθθθθ
JA
FOR
16 LEAD VFQFN, FORCED CONVECTION
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS858012.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS858012 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.63V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX = VCC_MAX * IEE_MAX = 3.63V * 30mA = 108.9mW
• Power (outputs)
MAX = 30.2mW/Loaded Output pair
If all outputs are loaded, the total power is 2 * 30.2mW = 60.4mW
Total Power
_MAX (3.63V, with all outputs switching) = 108.9mW + 60.4mW = 169.3mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 0 linear feet per minute and a multi-layer board, the appropriate value is 51.5°C/W per Table 4 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.169W * 51.5°C/W = 93.7°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com