Electronic Components Datasheet Search
  English  ▼

X  

ICS858012 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS858012
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS858012 Datasheet HTML 7Page - Integrated Circuit Systems ICS858012 Datasheet HTML 8Page - Integrated Circuit Systems ICS858012 Datasheet HTML 9Page - Integrated Circuit Systems ICS858012 Datasheet HTML 10Page - Integrated Circuit Systems ICS858012 Datasheet HTML 11Page - Integrated Circuit Systems ICS858012 Datasheet HTML 12Page - Integrated Circuit Systems ICS858012 Datasheet HTML 13Page - Integrated Circuit Systems ICS858012 Datasheet HTML 14Page - Integrated Circuit Systems ICS858012 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
12
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 7.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CC
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CC_MAX
– 0.895V
(V
CC_MAX
- V
OH_MAX
) = 0.895V
•
For logic low, V
OUT
= V
OL_MAX
= V
CC_MAX
– 1.695V
(V
CC_MAX
- V
OL_MAX
) = 1.695V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OH_MAX
) = [(2V - (V
CC_MAX
- V
OH_MAX
))/R
L
] * (V
CC_MAX
- V
OH_MAX
) =
[(2V - 0.895V)/50
Ω] * 0.895V = 19.78mW
Pd_L = [(V
OL_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OL_MAX
) = [(2V - (V
CC_MAX
- V
OL_MAX
))/R
L
] * (V
CC_MAX
- V
OL_MAX
) =
[(2V - 1.695V)/50
Ω] * 1.695V = 10.34mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
FIGURE 7. LVPECL DRIVER CIRCUIT ANDTERMINATION
VOUT
Q1
VCC - 2V
RL
50
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com