Electronic Components Datasheet Search
  English  ▼

X  

ICS858012 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS858012
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS858012 Datasheet HTML 7Page - Integrated Circuit Systems ICS858012 Datasheet HTML 8Page - Integrated Circuit Systems ICS858012 Datasheet HTML 9Page - Integrated Circuit Systems ICS858012 Datasheet HTML 10Page - Integrated Circuit Systems ICS858012 Datasheet HTML 11Page - Integrated Circuit Systems ICS858012 Datasheet HTML 12Page - Integrated Circuit Systems ICS858012 Datasheet HTML 13Page - Integrated Circuit Systems ICS858012 Datasheet HTML 14Page - Integrated Circuit Systems ICS858012 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
14
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
PACKAGE OUTLINE - K SUFFIX FOR 16 LEAD VFQFN
TABLE 6. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MO-220
N
O
I
T
A
I
R
A
V
C
E
D
E
J
S
R
E
T
E
M
I
L
L
I
M
N
I
S
N
O
I
S
N
E
M
I
D
L
L
A
L
O
B
M
Y
SM
U
M
I
N
I
MM
U
M
I
X
A
M
N
6
1
A
0
8
.
00
.
1
1
A
05
0
.
0
3
A
e
c
n
e
r
e
f
e
R
5
2
.
0
b
8
1
.
00
3
.
0
e
C
I
S
A
B
0
5
.
0
N
D
4
N
E
4
D
0
.
3
2
D
5
2
.
05
2
.
1
E
0
.
3
2
E
5
2
.
05
2
.
1
L
0
3
.
00
5
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com