Electronic Components Datasheet Search
  English  ▼

X  

AD5544 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 4 Page - Analog Devices

  AD5544 Datasheet HTML 1Page - Analog Devices AD5544 Datasheet HTML 2Page - Analog Devices AD5544 Datasheet HTML 3Page - Analog Devices AD5544 Datasheet HTML 4Page - Analog Devices AD5544 Datasheet HTML 5Page - Analog Devices AD5544 Datasheet HTML 6Page - Analog Devices AD5544 Datasheet HTML 7Page - Analog Devices AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5554/AD5554
Rev. A | Page 4 of 20
Parameter
Symbol
Condition
Min
Typ
Max
Unit
AC CHARACTERISTICS4
Output Voltage Settling Time
tS
To ±0.1% of full scale, data = 0000H to FFFFH to
0x0000
1
µs
Output Voltage Settling Time
tS
To ±0.0015% of full scale, data = 0000H to FFFFH to
0000H
2
µs
Reference Multiplying BW
BW − 3 dB
VREFX = 100 mV rms, data = FFFFH, CFB = 15 pF
2
MHz
DAC Glitch Impulse
Q
VREFX = 10 V, data 0000H to 8000H to 0000H
12
nV-s
Feedthrough Error
VOUTX/VREFX
Data = 0000H, VREFX = 100 mV rms, f = 100 kHz
−65
dB
Crosstalk Error
VOUTA/VREFB
Data = 0000H, VREFB = 100 mV rms, adjacent
channel, f = 100 kHz
−90
dB
Digital Feedthrough
Q
CS = 1, and fCLK = 1 MHz
5
nV-s
Total Harmonic Distortion
THD
VREF = 5 V p-p, data = FFFFH, f = 1 kHz
−90
dB
Output Spot Noise Voltage
eN
f = 1 kHz, BW = 1 Hz
7
nV√Hz
1 All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OP177 I-to-V converter amplifier. The AD5544 RFB terminal is
tied to the amplifier output. Typical values represent average readings measured at 25 °C.
2 These parameters are guaranteed by design and not subject to production testing.
3 All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
4 All ac characteristic tests are performed in a closed-loop system using an OP42 I-to-V converter amplifier.
AD5554 ELECTRICAL CHARACTERISTICS
VDD = 5 V ±10%, VSS = 0 V, IOUTX = virtual GND, AGNDX = 0 V, VREFA, B, C, D = 10 V, TA = full operating temperature range, unless
otherwise noted.
Table 2.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
N
1 LSB = VREF/214 = 610 µV when VREF = 10 V
14
Bits
Relative Accuracy
INL
±1
LSB
Differential Nonlinearity
DNL
±1
LSB
Output Leakage Current
IOUTX
Data = 0000H, TA = 25°C
10
nA
IOUTX
Data = 0000H, TA = TA Max
20
nA
Full-Scale Gain Error
GFSE
Data = 3FFFH
±2
±10
mV
Full-Scale Tempco2
TCVFS
1
ppm/°C
Feedback Resistor
RFBX
VDD = 5 V
4
6
8
kΩ
REFERENCE INPUT
VREFX Range
VREFX
−15
+15
V
Input Resistance
RREFX
4
6
8
kΩ
Input Resistance Match
RREFX
Channel-to-channel
1
%
Input Capacitance2
CREFX
5
pF
ANALOG OUTPUT
Output Current
Output Capacitance2
IOUTX
COUTX
Data = 3FFFH
Code-dependent
1.25
80
2.5
mA
pF
LOGIC INPUT AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
1
µA
Input Capacitance2
CIL
10
pF
Logic Output Low Voltage
VOL
IOL = 1.6 mA
0.4
V
Logic Output High Voltage
VOH
IOH = 100 µA
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com