Electronic Components Datasheet Search
  English  ▼

X  

AD5544 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5544 Datasheet HTML 3Page - Analog Devices AD5544 Datasheet HTML 4Page - Analog Devices AD5544 Datasheet HTML 5Page - Analog Devices AD5544 Datasheet HTML 6Page - Analog Devices AD5544 Datasheet HTML 7Page - Analog Devices AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices AD5544 Datasheet HTML 10Page - Analog Devices AD5544 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5544/AD5554
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14

AD5544/
AD5554
TOP VIEW
(Not to Scale)
AGNDA
AGNDD
IOUTA
IOUTD
VREFA
VREFD
RFBARFBD
MSB
DGND
VSS
VDD
AGNDF
CLK
SDO
SDI
NC
RFBB
RFBC
VREFB
VREFC
IOUTB
IOUTC
AGNDBAGNDC
NC = NO CONNECT
LDAC
CS
RS
Figure 3. AD5544/AD5554 Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Name
Function
1
AGNDA
DAC A Analog Ground.
2
IOUTA
DAC A Current Output.
3
VREFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. Pin can be tied to VDD pin.
4
RFBA
Establish voltage output for DAC A by connecting to external amplifier output.
5
MSB
MSB Bit. Set pin during a reset pulse (RS) or at system power ON if tied to ground or VDD.
6
RS
Reset Pin, Active Low Input. Input registers and DAC registers are set to all zeros or half-scale code (8000H for AD5544
and 2000H for AD5554) determined by the voltage on the MSB pin. Register Data = 0000H when MSB = 0.
Register Data = 8000H for AD5544 and 2000H.
7
VDD
Positive Power Supply Input. Specified range of operation 5 V ±10%.
8
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial register data to the input
register when CS/LDAC returns high. Does not effect LDAC operation.
9
CLK
Clock Input. Positive edge clocks data into shift register.
10
SDI
Serial Data Input. Input data loads directly into the shift register.
11
RFBB
Establish voltage output for DAC B by connecting to external amplifier output.
12
VREFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage. Pin can be tied to VDD pin.
13
IOUTB
DAC B Current Output.
14
AGNDB
DAC B Analog Ground.
15
AGNDC
DAC C Analog Ground.
16
IOUTC
DAC C Current Output.
17
VREFC
DAC C Reference Voltage Input Terminal. Establishes DAC C full-scale output voltage. Pin can be tied to VDD pin.
18
RFBC
Establish voltage output for DAC C by connecting to external amplifier output.
19
NC
No Connect. Leave pin unconnected.
20
SDO
Serial Data Output. Input data loads directly into the shift register. Data appears at SDO, 19 clock pulses for AD5544
and 17 clock pulses for AD5554 after input at the SDI pin.
21
LDAC
Load DAC Register Strobe, Level Sensitive Active Low. Transfers all input register data to DAC registers. Asynchronous
active low input. See Table 5 and Table 6 for operation.
22
AGNDF
High Current Analog Force Ground.
23
VSS
Negative Bias Power Supply Input. Specified range of operation: −5.5 V to +0.3 V.
24
DGND
Digital Ground Pin.
25
RFBD
Establish Voltage Output for DAC D by Connecting to External Amplifier Output.
26
VREFD
DAC D Reference Voltage Input Terminal. Establishes DAC D full-scale output voltage. Pin can be tied to VDD pin.
27
IOUTD
DAC D Current Output.
28
AGNDD
DAC D Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com