Electronic Components Datasheet Search
  English  ▼

X  

AD5544 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5544 Datasheet HTML 11Page - Analog Devices AD5544 Datasheet HTML 12Page - Analog Devices AD5544 Datasheet HTML 13Page - Analog Devices AD5544 Datasheet HTML 14Page - Analog Devices AD5544 Datasheet HTML 15Page - Analog Devices AD5544 Datasheet HTML 16Page - Analog Devices AD5544 Datasheet HTML 17Page - Analog Devices AD5544 Datasheet HTML 18Page - Analog Devices AD5544 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5544/AD5554
Rev. A | Page 15 of 20
VREFX
VSS
DGND
VDD
RFBX
IOUTX
AGNDF
AGNDX
RR
R
R
2R
2R
2R
5k
Ω
S1
S2
FROM OTHER DACS AGND
AD5544
+
A1
15V
VEE
VCC
VOUT
LOAD
2R
R
5V
15V
ANALOG
POWER
SUPPLY
DIGITAL INTERFACE CONNECTIONS OMITTED.
FOR CLARITY SWITCHES S1 AND S2 ARE CLOSED,
VDD MUST BE POWERED.
+
Figure 28. Recommended Kelvin-Sensed Hookup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com