Electronic Components Datasheet Search
  English  ▼

X  

AD5544 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5544
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5544 Datasheet HTML 6Page - Analog Devices AD5544 Datasheet HTML 7Page - Analog Devices AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices AD5544 Datasheet HTML 10Page - Analog Devices AD5544 Datasheet HTML 11Page - Analog Devices AD5544 Datasheet HTML 12Page - Analog Devices AD5544 Datasheet HTML 13Page - Analog Devices AD5544 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5554/AD5554
Rev. A | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
57344
49152
40960
32768
24576
16384
8192
0
65536
CODE (Decimal)
0.50
0.25
0
–0.25
–0.50
DAC D
DAC A
DAC C
0.50
0.25
0
–0.25
–0.50
DAC B
0.50
0.25
0
–0.25
–0.50
0.50
0.25
0
–0.25
–0.50
Figure 6. AD5544 DNL vs. Code, TA = 25°C
14336
12288
10240
8192
6144
4096
2048
0
16384
CODE (Decimal)
DAC D
DAC A
DAC C
DAC B
1.0
0.5
0
–0.5
–1.0
1.0
0.5
0
–0.5
–1.0
1.0
0.5
0
–0.5
–1.0
1.0
0.5
0
–0.5
–1.0
Figure 7. AD5554 INL vs. Code, TA = 25°C
14336
12288
10240
8192
6144
4096
2048
0
16384
CODE (Decimal)
DAC D
DAC A
DAC C
DAC B
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
Figure 8. AD5554 DNL vs. Code, TA = 25°C
OP AMP OFFSET VOLTAGE (
µV)
2.0
–1500
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–1000
–500
0
500
1000
1500
VDD = 5V
VREF = 10V
TA = 25°C
F000H
8000H
0FFFH
7FFFH
Figure 9. AD5544 Integral Nonlinearity Error vs. Op Amp Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com