Electronic Components Datasheet Search
  English  ▼

X  

3LD21 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # 3LD21
Description  SENTRON Switching and Protection Devices — Switch Disconnectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3LD21 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  3LD21 Datasheet HTML 1Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 2Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 3Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3KA, 3KE, 3LD Switch Disconnectors
3LD Main Control and EMERGENCY-STOP Switches up to 125 A
Front mounting
17/15
Siemens LV 1 · 2007
* You can order this quantity or a multiple thereof.
■Selection and ordering data
1) 4th contact element as neutral conductor to be ordered separately,
see Accessories.
Number and version of
the contacts
Rated data at
50 ... 60 Hz 380 ... 440 V
DT
Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Main
contact
elements
Auxiliary
contact
elements
P/AC-3
P/AC-23A
Iu
kW
kW
A
kg
Main control and EMERGENCY-STOP switches
with rotary operating mechanism
• Lockable in 0 position with up to max. 3 padlocks
• Degree of protection at front side IP65
• Front plate
- 3LD2 0, 3LD2 1, 3LD2 2: 67 mm
× 67 mm
- 3LD2 5 to 3LD2 8: 90 mm
× 90 mm.
Four-hole mounting
3LD2 203-0TK53
3--
5.5
7.5
16
}
3LD2 003-0TK..
1
1 unit
103
0.207
7.5
9.5
25
}
3LD2 103-0TK..
1
1 unit
103
0.206
9.5
11.5
32
}
3LD2 203-0TK..
1
1 unit
103
0.206
18.5
22
63
}
3LD2 504-0TK..
1
1 unit
103
0.424
30
37
100
}
3LD2 704-0TK..
1
1 unit
103
0.501
37
45
125
A
3LD2 804-0TK..
1
1 unit
103
0.503
3 + N
--
5.5
7.5
16
}
3LD2 003-1TL..
1
1 unit
103
0.217
7.5
9.5
25
A
3LD2 103-1TL..
1
1 unit
103
0.243
9.5
11.5
32
A
3LD2 203-1TL..
1
1 unit
103
0.243
18.5
22
63
A
3LD2 504-1TL..
1
1 unit
103
0.424
30
37
100
}
3LD2 704-0TK..
1
1 unit
103
0.501
+1)
}
3LD9 280-0B
1
1 unit
103
0.101
37
45
125
A
3LD2 804-0TK..
1
1 unit
103
0.503
+1)
}
3LD9 280-0B
1
1 unit
103
0.101
Center-hole mounting Ø 22.5 mm
3--
5.5
7.5
16
A
3LD2 054-0TK..
1
1 unit
103
0.215
7.5
9.5
25
A
3LD2 154-0TK..
1
1 unit
103
0.215
9.5
11.5
32
A
3LD2 254-0TK..
1
1 unit
103
0.214
18.5
22
63
A
3LD2 555-0TK..
1
1 unit
103
0.443
3 + N
--
5.5
7.5
16
A
3LD2 054-1TL..
1
1 unit
103
0.230
7.5
9.5
25
A
3LD2 154-1TL..
1
1 unit
103
0.256
9.5
11.5
32
A
3LD2 254-1TL..
1
1 unit
103
0.260
18.5
22
63
A
3LD2 555-0TK..
1
1 unit
103
0.443
+1)
}
3LD9 250-0BA
1
1 unit
103
0.079
Actuators
>
Black
51
Red/yellow (EMERGENCY-STOP)
53
LV1_17.book Seite 15 Freitag, 26. Januar 2007 11:33 11
© Siemens AG 2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com