Electronic Components Datasheet Search
  English  ▼

X  

3LD21 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # 3LD21
Description  SENTRON Switching and Protection Devices — Switch Disconnectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3LD21 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  3LD21 Datasheet HTML 1Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 2Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 3Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SENTRON Switching and Protection Devices — Switch Disconnectors
Introduction
17/2
Siemens LV 1 · 2007
■Overview
✓ Available
-- Not available
Type
3LD20
3LD21
3LD22
3LD25
3LD27
3LD28
3LD main and EMERGENCY-STOP switches from 16 A to 125 A
Rated uninterrupted current Iu
at 35 °C ambient temperature
A
16
25
32
63
100
125
Rated operational voltage
Ue
V
690
690
690
690
690
690
AC-3 motor load switches
Operational switching of individual motors
• At 220 ... 240 V
kW
3.0
4.0
5.5
11.0
18.5
22.0
• At 380 ... 440 V
kW
5.5
7.5
9.5
18.5
30.0
37.0
• At 660/690 V
kW
5.5
7.5
9.5
15.0
22.0
30.0
AC-23A main control switches, maintenance switches
Frequent, but not operational switch-
ing of single motors
• At 220 ... 240 V
kW
4.0
5.0
6.0
11.0
18.5
22.0
• At 380 ... 440 V
kW
7.5
9.5
11.5
22.0
37.0
45.0
• At 660/690 V
kW
7.5
9.5
11.5
18.5
30.0
37.0
Switch versions
Front mounting
• Central
✓
✓
✓
✓
--
--
• Four-hole
✓
✓
✓
✓
✓
✓
Floor mounting
• Central
✓✓✓
✓
--
--
• Four-hole
✓✓✓
✓✓
✓
Distribution board mounting
✓
✓
✓
✓
✓
✓
Molded-plastic enclosures
• Metric screwed glands
✓✓✓
✓✓
✓
Switch accessories
4th pole (neutral conductor)
(leading switch-on,
delayed switch-off)
✓
✓
✓
✓
✓
✓
N terminals
✓✓✓
✓✓
✓
PE-ground terminals
✓
✓
✓
✓
✓
✓
Auxiliary contact elements
• 1 NO + 1 NC
✓✓✓
✓✓
✓
LV1_17.book Seite 2 Freitag, 26. Januar 2007 11:33 11
© Siemens AG 2007


Similar Part No. - 3LD21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3LD2003-1TP53 SIEMENS-3LD2003-1TP53 Datasheet
307Kb / 6P
SENTRON, Switch disconnector 3LD, emergency switching-off switch, 3- pole, Iu: 16 A, operating power / at AC-23 A 400 V: 7.5 kW, front-mounted, 1 NC, 1 NO, rotary operating mechanism, Red / yellow, 4-hole mounting of the handle
12/13/2022
3LD20031TP53 SIEMENS-3LD20031TP53 Datasheet
307Kb / 6P
SENTRON, Switch disconnector 3LD, emergency switching-off switch, 3- pole, Iu: 16 A, operating power / at AC-23 A 400 V: 7.5 kW, front-mounted, 1 NC, 1 NO, rotary operating mechanism, Red / yellow, 4-hole mounting of the handle
12/13/2022
3LD2203-0TK53 SIEMENS-3LD2203-0TK53 Datasheet
441Kb / 6P
3LD Switch disconnector
11/10/2022
3LD22030TK53 SIEMENS-3LD22030TK53 Datasheet
441Kb / 6P
3LD Switch disconnector
11/10/2022
3LD2264-0TB53 SIEMENS-3LD2264-0TB53 Datasheet
432Kb / 6P
Switch disconnector
11/20/2024
More results

Similar Description - 3LD21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
List of Unclassifed Man...
OT40F3 ETC2-OT40F3 Datasheet
4Mb / 72P
Switch-disconnectors
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Infineon Technologies A...
ESD233-B1-W0201 INFINEON-ESD233-B1-W0201 Datasheet
1Mb / 14P
Protection Devices
Revision 1.0 2017-05-22
ESD239-B1-W0201 INFINEON-ESD239-B1-W0201 Datasheet
804Kb / 14P
Protection Devices
Revision 1.1 2017-09-14
ESD242-B1-W01005 INFINEON-ESD242-B1-W01005 Datasheet
831Kb / 13P
Protection Devices
Revision 1.1 2017-11-27
ESD245-B1-W0201 INFINEON-ESD245-B1-W0201 Datasheet
566Kb / 14P
Protection Devices
Revision 1.0 2017-06-26
ESD246-B1-W01005 INFINEON-ESD246-B1-W01005 Datasheet
635Kb / 14P
Protection Devices
Revision 1.0 2017-06-26
ESD249-B1-W0201 INFINEON-ESD249-B1-W0201 Datasheet
732Kb / 14P
Protection Devices
Revision 1.1 2017-03-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com