Electronic Components Datasheet Search
  English  ▼

X  

3LD21 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # 3LD21
Description  SENTRON Switching and Protection Devices — Switch Disconnectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3LD21 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  3LD21 Datasheet HTML 1Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 2Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 3Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3KA, 3KE, 3LD Switch Disconnectors
3LD Main Control and EMERGENCY-STOP Switches up to 125 A
Molded-plastic enclosures
17/26
Siemens LV 1 · 2007
* You can order this quantity or a multiple thereof.
■Selection and ordering data
1) 4th contact element as neutral conductor to be ordered separately,
see Accessories for floor mounting.
2) Please order auxiliary switches 1 NO + 1 NC separately, see Accessories.
Number and version of
the contacts
Base
terminal
Rated data at
50 ... 60 Hz
380 ... 440 V
DT
Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Main
contact
elements
Auxiliary
contact ele-
ments
P/AC-23A
Iu
kW
A
kg
Main control and EMERGENCY-STOP switches
• With N and/or PE-ground terminals
• Lockable in 0 position with up to max. 3 padlocks
• Degree of protection IP65
• Rotary operating mechanisms with center-hole mounting
• For floor-mounted auxiliary switches
Metric screwed glands
3LD2 164-0TB53
3
--
PE + N 7.5
16
A
3LD2 064-0TB..
1
1 unit
103
0.463
PE + N 9.5
25
A
3LD2 164-0TB..
1
1 unit
103
0.463
PE + N 11.5
32
A
3LD2 264-0TB..
1
1 unit
103
0.465
PE + N 22
63
A
3LD2 565-0TB..
1
1 unit
103
0.906
PE + N 37
100
A
3LD2 766-0TB..
1
1 unit
103
1.890
PE + N 45
125
A
3LD2 866-0TB..
1
1 unit
103
1.890
3 + N
--
PE
7.5
16
A
3LD2 064-1TC..
1
1 unit
103
0.453
PE
9.5
25
A
3LD2 164-1TC..
1
1 unit
103
0.487
PE
11.5
32
C
3LD2 264-1TC..
1
1 unit
103
0.500
PE
22
63
C
3LD2 565-1TC..
1
1 unit
103
0.960
PE + N 37
100
A
3LD2 766-0TB..
1
1 unit
103
1.890
+1)
}
3LD9 280-0C
1
1 unit
103
0.102
PE + N 45
125
A
3LD2 866-0TB..
1
1 unit
103
1.890
+1)
}
3LD9 280-0C
1
1 unit
103
0.102
3
1 NO + 1 NC N-type
7.5
16
A
3LD2 064-1GP..
1
1 unit
103
0.507
N-type
9.5
25
A
3LD2 164-1GP..
1
1 unit
103
0.501
N-type
11.5
32
A
3LD2 264-1GP..
1
1 unit
103
0.488
N-type
22
63
A
3LD2 565-1GP..
1
1 unit
103
0.935
N-type
37
100
A
3LD2 766-1GP..
1
1 unit
103
1.838
N-type
45
125
A
3LD2 866-1GP..
1
1 unit
103
1.843
3 + N
1 NO + 1 NC PE
7.5
16
A
3LD2 064-1TC..
1
1 unit
103
0.453
+2)
}
3LD9 200-5C
1
1 unit
103
0.046
PE
9.5
25
A
3LD2 164-1TC..
1
1 unit
103
0.487
+
}
3LD9 200-5C
1
1 unit
103
0.046
PE
11.5
32
C
3LD2 264-1TC..
1
1 unit
103
0.500
+
}
3LD9 200-5C
1
1 unit
103
0.046
PE
22
63
C
3LD2 565-1TC..
1
1 unit
103
0.960
+
}
3LD9 200-5C
1
1 unit
103
0.046
N-type
37
100
A
3LD2 766-1GP..
1
1 unit
103
1.838
+
}
3LD9 280-0C
1
1 unit
103
0.102
N-type
45
125
A
3LD2 866-1GP..
1
1 unit
103
1.843
+
}
3LD9 280-0C
1
1 unit
103
0.102
Actuators
>
Black
51
Red/yellow (EMERGENCY-STOP)
53
LV1_17.book Seite 26 Freitag, 26. Januar 2007 11:33 11
© Siemens AG 2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com