Electronic Components Datasheet Search
  English  ▼

X  

3LD21 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # 3LD21
Description  SENTRON Switching and Protection Devices — Switch Disconnectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3LD21 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  3LD21 Datasheet HTML 1Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 2Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 3Page - Siemens Semiconductor Group 3LD21 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3KA, 3KE, 3LD Switch Disconnectors
3LD Main Control and EMERGENCY-STOP Switches up to 125 A
General data
17/14
Siemens LV 1 · 2007
* You can order this quantity or a multiple thereof.
■Overview
■Application
The 3LD switches are used for switching main and auxiliary
circuits, but also for switching induction motors and other loads
during maintenance and repair work.
They are manually operated switch disconnectors according to
IEC 60947-3/VDE 0660 Part 107 (EN 60947-3) and comply with
the conditions for switch disconnectors.
The 3LD can be used as
• ON-OFF switch
• EMERGENCY-STOP switch
• Main control switch according to EN 60204-1
In EN 60204-1 (VDE 0113 Part 1), main control switches are
called "mains isolating devices", while EMERGENCY-STOP
switches are termed "devices for emergency shutdown".
Maintenance personnel can protect themselves against
unauthorized startup with padlocks (up to three can be fitted).
3LD main control and EMERGENCY-STOP switches are
approved according to UL 508.
4
7
6
5
3
2
1
3
8
1
4th contact (N conductor)
2
N or PE/ground terminal, continuous
3
Auxiliary switch 1 NO + 1 NC
4
Rotary operating mechanism, red/yellow
5
Rotary operating mechanism, black
6
Front plate, English/German
7
Terminal cover, three-pole
8
Terminal cover, one-pole
LV1_17.book Seite 14 Freitag, 26. Januar 2007 11:33 11
© Siemens AG 2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com