Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G9SP
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC G9SP Datasheet HTML 10Page - Omron Electronics LLC G9SP Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
D41D
7
Engineering Data (Typical Data)
Detection Range
Operating distance
The side allows for a maximum height misalignment (X) of sensor and actuator of ±8 mm (e.g. mounting tolerance or due to guard door sagging).
The axial misalignment (Y) is max. ±18 mm.
Actuating curves
The actuating curves represent the typical operating distance of the safety sensor during the approach of the actuator subject to the actuating
direction.
The continuous signal of the yellow LED signals the actuator detection;
the flashing of the yellow LED signals that the safety door switch is actuated in the different travel area.
Preferred actuation directions: from front or from side
In case of a lateral actuation, the operating distances are reduced by approx. 3 mm.
Recommended Adjustment
Align the safety door switch and actuator at a distance of 0.5 x assured operating distance (Sao).
The correct functionality of both safety channels must be checked by means of the connected safety controller.
Y
Transverse misalignment
-5
-20
0
15
1
5
-15
20
-10
0
Y[mm]
S [mm]
0
5
10
12
Height misalignment
-5
4
2
-0
2
-
5 10
15
-15
20 24
-10
0
X [mm]
S [mm]
0
5
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com