Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # G9SP
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button G9SP Datasheet HTML 12Page - Omron Electronics LLC G9SP Datasheet HTML 13Page - Omron Electronics LLC G9SP Datasheet HTML 14Page - Omron Electronics LLC G9SP Datasheet HTML 15Page - Omron Electronics LLC G9SP Datasheet HTML 16Page - Omron Electronics LLC G9SP Datasheet HTML 17Page - Omron Electronics LLC G9SP Datasheet HTML 18Page - Omron Electronics LLC G9SP Datasheet HTML 19Page - Omron Electronics LLC G9SP Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
D41D
16
Troubleshooting
Table 1: Diagnostic information for safety door switch with auxiliary output
*1. Refer to Teaching.
Status of switch
LEDs
Auxiliary
output
Safety
outputs
Y1, Y2
Note
Green
Red
Yellow
Supply voltage
On
Off
Off
0 V
0 V
Voltage on
Actuated
On
Off
On
24 V
24 V
The yellow LED always signals the presence of an
actuator within range.
Actuated in limit area
On
Off
Flashes
(1Hz)
24 V
pulsed
24 V
The safety door switch must be adjusted before
the distance to the actuator increases and before
the safety outputs are disabled, thus stopping the
machine.
Error warning,
switch actuated
Off
Flashes
On
0 V
24 V
When the error warning is not rectified within 30
minutes, the safety outputs are disabled.
Error
Off
Flashes
On
0 V
0 V
Refer to table with flash codes
Teach actuator
Off
On
Flashes
0 V
0 V
Safety door switch in teaching mode
Tampering protection
time
*1
Flashes
Off
Off
0 V
0 V
10 minutes pause after re-teaching
Error in input circuit
X1 and/or X2
Flashes
(1Hz)
Off
Off
0 V
0 V
When door is open
Error in input circuit
X1 and/or X2
Flashes
(1Hz)
Off
On
24 V
0 V
When door is closed
Error
Errors that, which no longer guarantee the function of the safety
door switch (internal errors) cause the safety outputs to be
disabled within the risk time.
After the rectification of the error, the error message is reset by
opening the corresponding guard door.
Error warning
The auxiliary output can also be used to detect clearance
variations between the safety door switch and the actuator in the
same way as the yellow LED.
An active fault is visualized by the red LED and causes the
auxiliary output to be disabled. The safety outputs are disabled
after a maximum of 30 minutes if the fault is not rectified. This
signal combination, auxiliary output disabled and safety channels
still enabled, can be used to stop the production process in a
controlled manner.
LED indication (red)
Error cause
1 flash pulse
Error output Y1
2 flash pulses
Error output Y2
3 flash pulses
Cross-wire short
between Y1 and Y2
4 flash pulses
Ambient temperature too high
5 flash pulses
Incorrect or defective actuator
Continuous red
Internal fault, with yellow
flashing teaching procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com