Electronic Components Datasheet Search
  English  ▼

X  

G9SP Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9SP
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9SP Datasheet HTML 1Page - Omron Electronics LLC G9SP Datasheet HTML 2Page - Omron Electronics LLC G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
D41D
3
Ordering Information
List of Models
Sensors
Actuator (Sold separately)
Accessory (Sold separately)
Connecting cables
Sealing /Mounting
Appearance
Coding level / Teaching limitation
Connection
Cable length
Model
High
(Individual coding)
Connector (M8)
---
D41D-1CD-N1
High
(Individual coding/No limitation)
Connecting cable 0.25-m long with
Connector (M12)
D41D-2CD-025N2
Appearance
Name
Features
Model
Standard
• Mounting 2 x M4
• Dimensions (W x D x H) 39 x 29.5 x 18 (mm)
D41D-A1
Flat
• Mounting 2 x M5 (Countersunk screw)
• Dimensions (W x D x H) 60 x 16 x 6.8 (mm)
D41D-A2
Miniature
• Mounting 1 x M3 (1.2 dia. hole, plus Twist protection)
• Dimensions (W x D x H) 22 x 9 x 7 (mm)
D41D-A3
Appearance
Name
Features
Cable length
Model
Connecting cables with
Connector M8
Connecting cables
with Connector (M8) (female),
8-pole – 8 x 0.25mm2,
straight, IP67
2 m
D41D-8P5-CFM8-702M
5 m
D41D-8P5-CFM8-705M
10 m
D41D-8P5-CFM8-710M
Connecting cables with
Connector M12
Connecting cables
with Connector (M12) (female),
8-pole – 8 x 0.25mm2,
straight, IP69
5 m
D41L-8P5-CFM12-905M
10 m
D41L-8P5-CFM12-910M
Appearance
Name
Purpose
Contents
Model
Sealing Kit
Used to seal the mounting holes
4 flat plugs and 4 plugs
with rim for high screw
head
D41D-SK
Mounting Set
Mounting plate:
Used to fix to a non-flat surface such as a
profile.
Ferrule plug:
Used for applications with considerable
changes in ambient temperature.
2 mounting plates and
4 ferrule plugs
D41D-MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com