Electronic Components Datasheet Search
  English  ▼

X  

G7L Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G7L
Description  Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 1 Page - Omron Electronics LLC

  G7L Datasheet HTML 1Page - Omron Electronics LLC G7L Datasheet HTML 2Page - Omron Electronics LLC G7L Datasheet HTML 3Page - Omron Electronics LLC G7L Datasheet HTML 4Page - Omron Electronics LLC G7L Datasheet HTML 5Page - Omron Electronics LLC G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Power Relay
G7L
A High-capacity,
High-dielectric-strength Relay
Compatible with Momentary Voltage
Drops
No contact chattering for momentary voltage drops
up to 50% of rated voltage.
Wide-range AC-activated coil that handles 100 to
120 or 200 to 240 VAC at either 50 or 60 Hz.
Miniature hinge for maximum switching power,
particularly for inductive loads.
Flame-resistance materials (UL94V-0-qualifying)
used for all insulation material.
Quick-connect, screw, and PCB terminals, and DIN
track mounting available.
R
CE
Ordering Information
Mounting type
Contact form
Quick-connect
terminals
Screw terminals
PCB
terminals
E-bracket
SPST-NO
G7L-1A-T
G7L-1A-B
---
DPST-NO
G7L-2A-T
G7L-2A-B
---
E-bracket (with test button)
SPST-NO
G7L-1A-TJ
G7L-1A-BJ
---
DPST-NO
G7L-2A-TJ
G7L-2A-BJ
---
Upper bracket
SPST-NO
G7L-1A-TUB
G7L-1A-BUB
---
DPST-NO
G7L-2A-TUB
G7L-2A-BUB
---
Upper bracket
SPST-NO
G7L-1A-TUBJ
G7L-1A-BUBJ
---
(with test button)
DPST-NO
G7L-2A-TUBJ
G7L-2A-BUBJ
---
PCB mounting
SPST-NO
---
---
G7L-1A-P
DPST-NO
---
---
G7L-2A-P
Rated coil voltage
Note:
1. When ordering, add the rated coil voltage to the model number.
Example: G7L-1A-T 12 VAC (~)


Similar Part No. - G7L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L OMRON-G7L Datasheet
446Kb / 14P
General Purpose Relay
G7L-1A OMRON-G7L-1A Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
More results

Similar Description - G7L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com