Electronic Components Datasheet Search
  English  ▼

X  

G7L Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G7L
Description  Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 3 Page - Omron Electronics LLC

  G7L Datasheet HTML 1Page - Omron Electronics LLC G7L Datasheet HTML 2Page - Omron Electronics LLC G7L Datasheet HTML 3Page - Omron Electronics LLC G7L Datasheet HTML 4Page - Omron Electronics LLC G7L Datasheet HTML 5Page - Omron Electronics LLC G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
G7L
G7L
3
Specifications
Coil Ratings
Rated voltage
Rated
current
Coil resistance
Must operate
voltage
Must release
voltage
Max. voltage
Power
consumption
(approx.)
AC (~)
12 V
142 mA
---
75% max. of
t d
lt
15% min. of
t d
lt
110% of rated
lt
1.7to2.5 VA
(60 H )
( )
24 V
71 mA
---
rated voltage
rated voltage
voltage
(60 Hz)
50 V
34 mA
---
100 to 120 V
17.0 to
20.4 mA
---
75 V
18 V
132 V
200 to 240 V
8.5 to 10.2 mA
---
150 V
36 V
264 v
DC (=)
6V
317 mA
18.9
"
75% max. of
t d
lt
15% min. of
t d
lt
110% of rated
lt
1.9 W
( )
12 V
158 mA
75
"
rated voltage
rated voltage
voltage
24 V
79 mA
303
"
48 V
40 mA
1220
"
100 V
19 mA
5260
"
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23
#C with tolerances of +15%/--20% for AC rated current
and
$15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
#C.
3. ~ indicates AC and = indicates DC (IEC417 publications).
Contact Ratings
Model
G7L-1A-Tj/G7L-1A-Bj
G7L-2A-Tj/G7L-2A-Bj
G7L-1A-P/G7L-2A-P
Resistive load
(cos
% =1)
Inductive load
(cos
% =0.4)
Resistive load
(cos
% =1)
Inductive load
(cos
% =0.4)
Resistive load
(cos
% =1)
Inductive load
(cos
% =0.4)
Rated load
30 A, 220 VAC
(
~)
25 A, 220 VAC
(
~)
25 A, 220 VAC (~)
20 A, 220 VAC (~)
Rated carry
current
30 A
25 A
20 A
Max. switching
voltage
250 VAC (~)
Max. switching
current
30 A
25 A
20 A
Max. switching
power
6,600 VAC (~)
5,500 VAC (~)
5,500 VAC (~)
4,400 VAC (~)
Min. permissible
load*
100 mA, 5 VDC (=)
*Note: P level:
&60 =0.1 x 10-6/operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com