Electronic Components Datasheet Search
  English  ▼

X  

G7L Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # G7L
Description  Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC G7L Datasheet HTML 10Page - Omron Electronics LLC G7L Datasheet HTML 11Page - Omron Electronics LLC G7L Datasheet HTML 12Page - Omron Electronics LLC G7L Datasheet HTML 13Page - Omron Electronics LLC G7L Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
G7L
G7L
14
Precautions
Refer to page NO TAG for general precautions.
Handling
! To preserve performance, do not drop or otherwise subject the
Power Relay to shock.
! The case is not designed to be removed during normal handling
and operation. Doing so may affect performance.
! Use the Power Relay in a dry environment free from excessive
dust, SO2,H2S, or organic gas.
! Do not allow a voltage greater than the maximum allowable coil
voltage to be applied continuously.
! Do not use the Power Relay outside of specified voltages and
currents.
! Do not allow the ambient operating temperature to exceed the
specified limit.
Installation
! Although there are not specific limits on the installation site, it
should be as dry and dust-free as possible.
! PCB Terminal-equipped Relays weigh approximately 100 g. Be
sure that the PCB is strong enough to support them. We
recommend dual-side through-hole PCBs to reduce solder
cracking from heat stress.
! Quick-connect terminals can be connected to Faston receptacle
#250 and positive-lock connectors.
! Allow suitable slack on leads when wiring, and do not subject the
terminals to excessive force.
Cleaning PCB Terminals
! PCB terminals have flux-tight construction which prevents flux
from penetrating into the Relay base housing, e.g., due to
capillary action up the terminals when Relay is soldered onto the
PCB. This type of Relay cannot be immersed for cleaning.
Connecting
! Refer to the following table when connecting a wire with a
crimp-style terminal to the G7L.
Terminals
Screw terminals
Front-connecting
Socket
Coil
8
5.8
5
M3.5
8
6.5
5.3
M3.5
Contact
5.5
6.5
9.2
M4
7
5.5
9.2
M4
Rated Current Flow
When using B-series (screw) products, the rated current from the
screw terminals (M4) should be 20 A or less according to jet stan-
dard (electrical appliance and material control law of Japan).
Operating Coil
! As a rule, either a DC battery or a DC power supply with a
maximum of 5% ripple must be used for the operating voltage for
DC Relays. Before using a rectified AC supply, confirm that the
ripple is not greater than 5%. Ripple greater than this can lead to
variations in the operating and reset voltages.
As excessive ripple can generate pulses, the insertion of a
smoothing capacitor is recommended as shown below.
Emax.:
Max. ripple
Emin.:
Min. ripple
E mean: Mean DC value
Smoothing
capacitor
Relay
Ripple
Emin. Emax.
Emean
DC fraction
% of ripple =
x 100
Emax. -- E min.
E mean
! When driving a transistor, check the leakage current and
connect a bleeder resistor if necessary.
DIN Track Mounting Adapter and
Front-connecting Socket
DIN Track Mounting
! Use a DIN-conforming 50-cm track or 1-m track (both are sold
separately) for mounting a number of G7L Relays.
Cut and shorten the track to an appropriate length it if the
required track length is less than 50 cm.
! The DIN Track Mounting Adapter and Front-connecting Socket
can be mounted on the G7L with just one hand and dismounted
with ease by using a screwdriver.
! To support the G7L mounted on a DIN Track Mounting Adapter
or Front-connecting Socket, use the PFP-M End Plate. Put the
End Plate onto the DIN Track Mounting Adapter or
Front-connecting Socket so that the surface mark of the End
Plate faces upwards. Then tighten the screw of the End Plate
securely with a screwdriver.
Screw Mounting
! Screw-mount theDINTrack MountingAdapter orFront-connect-
ing Socket securely after opening screw mounting holes on
them.
! When cutting or opening holes on the panel after the
Front-connecting Socket is mounted, take proper measures so
that the cutting chips will not fall onto the Relay terminals. When
cutting or opening holes on the upper part of the panel, mask the
Front-connecting Socket properly with a cover.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. J055-E1-3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com