Electronic Components Datasheet Search
  English  ▼

X  

G7L Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G7L
Description  Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 5 Page - Omron Electronics LLC

  G7L Datasheet HTML 1Page - Omron Electronics LLC G7L Datasheet HTML 2Page - Omron Electronics LLC G7L Datasheet HTML 3Page - Omron Electronics LLC G7L Datasheet HTML 4Page - Omron Electronics LLC G7L Datasheet HTML 5Page - Omron Electronics LLC G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
G7L
G7L
5
Approved by Standards
UL 508, 1950 Recognitions (File No. E41643)
CSA 22.2 No.14 Listings (File No.LR35535)
Model
Contact Form
Coil ratings
Contact ratings
Operations
G7L-1A-Tj
G7L-1A-Bj
SPST-NO
12 to 240 VAC
5to220 VDC
30 A, 277 VAC (RES)
25 A, 277 VAC (GEN)
30 A, 120 VAC (GEN)
100 x 103
1.5 kW, 120 VAC (T)
1.5 HP, 120 VAC
6x 103
3 HP, 277 VAC
100 x 103
(CSA; 6 x 103)
20 FLA/120 LRA, 120 VAC
17 FLA/102 LRA, 265 VAC
30 x 103
TV-10, 120 VAC
25 x 103
G7L-2A-Tj
G7L-2A-Bj
DPST-NO
25 A, 277 VAC (RES)
25 A, 277 VAC (GEN)
25 A, 120 VAC (GEN)
100 x 103
1.3 kW, 120 VAC (T)
1 HP, 120 VAC
6x 103
2 HP, 277 VAC
100 x 103
(CSA; 6 x 103)
20 FLA/120 LRA, 120 VAC
17 FLA/102 LRA, 265 VAC
30 x 103
TV-8, 120 VAC
25 x 103
G7L-1A-P
SPST-NO
20 A, 277 VAC (RES)
20 A, 277 VAC (GEN)
20 A, 120 VAC (GEN)
100 x 103
1.5 kW, 120 VAC (T)
1.5 HP, 120 VAC
6x 103
3 HP, 277 VAC
100 x 103
(CSA; 6 x 103)
20 FLA/120 LRA, 120 VAC
17 FLA/102 LRA, 265 VAC
30 x 103
TV-10, 120 VAC
25 x 103
G7L-2A-P
DPST-NO
20 A, 277 VAC (RES)
20 A, 277 VAC (GEN)
20 A, 120 VAC (GEN)
100 x 103
1.3 kW, 120 VAC (T)
1 HP, 120 VAC
6x 103
2 HP, 277 VAC
20 FLA/120 LRA 120 VAC
100 x 103
20 FLA/120 LRA, 120 VAC
17 FLA/102 LRA, 265 VAC
30 x 103
TV-8, 120 VAC
25 x 103
TÜV: File No. R9051158 (VDE 0435, IEC 255, IEC 950, EN60950)
Model
Contact Form
Coil ratings
Contact ratings
Operations
G7L-1A-Bj
SPST-NO
6, 12, 24, 48, 100, 110,
200, 220 VDC
12, 24, 50, 100 to 120,
200 t 240 VAC
30 A, 240 VAC (cos
%=1.0)
25 A, 240 VAC (cos
%=0.4)
30 A, 120 VAC (cos
%=0.4)
100 x 103
G7L-2A-Bj
DPST-NO
,
,
,
,
200 to 240 VAC
25 A, 240 VAC (cos
%=1.0)
25 A, 240 VAC (cos
%=0.4)
G7L-1A-Tj
SPST-NO
25 A, 240 VAC (cos
%=1.0)
25 A, 240 VAC (cos
%=0.4)
G7L-2A-Tj
DPST-NO
25 A, 240 VAC (cos
%=1.0)
25 A, 240 VAC (cos
%=0.4)
G7L-1A-P
SPST-NO
20 A, 240 VAC (cos
%=1.0)
20 A, 240 VAC (cos
%=0.4)
G7L-2A-P
DPST-NO
20 A, 240 VAC (cos
%=1.0)
20 A, 240 VAC (cos
%=0.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com