Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G2R
Description  PCB Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC G2R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
G2R
PCB Power Relay
G
2
R
■Characteristics
● Standard Relays
Note: The values here are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage-drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including
contact bounce.
*3.
Measurement conditions: The insulation resistance was measured with a
500 VDC megohmmeter at the same locations as the dielectric strength
was measured.
*4.
Value for quick-connect terminals.
Double-winding Latching Relays
Note: The values here are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage-drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including
contact bounce.
*3.
Measurement couditions: Rated operating voltage applied.
*4.
Measurement conditions: The insulation resistance was measured with a
500 VDC megohmmeter at the same locations as the dielectric strength
was measured.
■Engineering Data
Item
Number of poles
1-pole
2-pole
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
Operate time *2
15 ms max.
Release time *2
AC: 10 ms max.; DC: 5 ms max.
Max.
operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr
Insulation resistance *3
1,000 M
Ω min.
Dielectric
strength
Between coil and
contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts
of different polarity
-
3,000 VAC, 50/60 Hz
for 1 min
Between contacts
of the same
polarity
1,000 VAC, 50/60 Hz for 1 min
Insulation
distance
Between coil and
contacts
Clearance: 8 mm, Creepage: 8 mm
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2 when energized;
100m/s2 when no energized
Durability
Mechanical
AC coil: 10,000,000 operations min.;
DC coil: 20,000,000 operations min.
(at 18,000 operations/hr)
Electrical
100,000 operations min.
(at 1,800 operations/hr under rated load)
Ambient operating temperature
-40°C to 70°C (with no icing)
Ambient operating humidity
5% to 85%
Weight
Approx. 17 g (Approx. 20 g *4)
Item
Number of poles
1-pole
2-pole
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
Set
Time *2
20 ms max.
Min. set pulse width *3
30 ms
Reset
Time *2
20 ms max.
Min. reset pulse
width *3
30 ms
Max.operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr
Insulation resistance *4
1,000 M
Ω min.
Dielectric
strength
Between coil and
contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts of
different polarity
−
3,000 VAC,
50/60 Hz for 1 min
Between contacts of
the same polarity
1,000 VAC, 50/60 Hz for 1 min
Between set and
reset coils
1,000 VAC, 50/60 Hz for 1 min
Insulation
distance
Between coil and
contacts
Clearance: 8 mm, Creepage: 8 mm
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
Set: 500m/s2 Armature OFF
Reset: 200m/s2 Contact OFF
Durability
Mechanical
10,000,000 operations min
(at 18,000 operations/hr)
Electrical
100,000 operations min. (at 1,800
operations/hr under rated load)
Ambient operating temperature
-40°C to 70°C (with no icing or
condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 17 g
● Maximum Switching Capacity
G2R-1, G2R-1A, G2R-1-T, G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
G2R-1-H, G2R-1A-H, G2R-2, G2R-2A
G2R-2-H, G2R-2A-H
Flux Protection/Plug-in Relays
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
AC
inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
16
DC resistive load
AC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC
inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
AC
inductive load
(cos
φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com