Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G2R
Description  PCB Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC G2R Datasheet HTML 10Page - Omron Electronics LLC G2R Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
G2R
PCB Power Relay
G
2
R
G2RK-1A, G2RK-1
G2RK-2A, G2RK-2
G2R-14, G2R-1A4
G2R-24, G2R-2A4
G2R-1Z4, G2R-1AZ4
● Durability
G2R-1, G2R-1A, G2R-1-T, G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
G2R-1-H, G2R-1A-H, G2R-2, G2R-2A
G2R-2-H, G2R-2A-H
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
3
1
0.5
0.1
0
5
10
20 30 50
100
500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Fully Sealed Relays
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
300 500
AC
inductive load
(cos
φ = 0.4)
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
Flux Protection/Plug-in Relays
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
5
6
7.5 8
10
12
14
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
2
4
6
8
10
12
14
16
18
250 VAC inductive load (cos
φ = 0.4)
30 VDC inductive load (L/R = 7ms)
250 VAC/30 VDC
resistive load
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
250 VAC/30 VDC
resistive load
30 VDC inductive load (L/R = 7ms)
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
2
3
4
5
6
30 VDC inductive load (L/R = 7ms)
250 VAC/30 VDC
resistive load
250 VAC inductive load
(cos
φ = 0.4)
Switching current (A)
1,000
500
300
100
50
30
10
5
3
0
1
1.5
2
3
4
250 VAC/30 VDC
resistive load
250 VAC inductive load
(cos
φ = 0.4)
30 VDC inductive load
(L/R = 7ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com