Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G2R
Description  PCB Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 3 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
G2R
PCB Power Relay
G
2
R
● Quick-connect Terminal (#187)
● Full-wave Rectifier
● For Ultrasonically Cleanable
Note: When ordering, add the rated coil voltage to the model number.
Example: G2R-1A-T AC12
However, the notation of the coil voltage on the product case as well as on the packing will be marked as
@@ VAC.
Number of poles
1-pole
Classification
Enclosure rating
Contact form
Model
Rated coil voltage
Standard
Unsealed
NO
G2R-1A-T
12, 24, 100/(110) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
100 VDC
NO/NC
G2R-1-T
12, 24, 100/(110) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
100 VDC
Number of poles
1-pole
2-pole
Classification
Enclosure rating
Contact form
Model
Rated coil voltage
Model
Rated coil voltage
Standard
Flux protection
NO
G2R-1A-Z
5, 12, 24 VDC
G2R-2A-Z
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
NO/NC
G2R-1-Z
5, 12, 24, 48 VDC
G2R-2-Z
12, 24, 48 VDC
100 VDC
100 VDC
Fully sealed
NO
G2R-1A4-Z
5, 12, 48 VDC
G2R-2A4-Z
24, 48 VDC
100 VDC
100 VDC
NO/NC
G2R-14-Z
5, 12, 24, 48 VDC
G2R-24-Z
5, 12, 24 VDC
100 VDC
100 VDC
High-capacity
Flux protection
NO
G2R-1A-EZ
5, 12, 24 VDC
−
100 VDC
NO/NC
G2R-1-EZ
12, 24, 48 VDC
Number of poles
1-pole
2-pole
Classification
Enclosure rating
Contact form
Model
Rated coil voltage
Model
Rated coil voltage
Standard
Fully sealed
NO
G2R-1A4-U
12, 24, 100/(110) VAC
G2R-2A4-U
100/(110) VAC
200/(220) VAC
−
5, 6, 12, 24, 48 VDC
5, 12, 24 VDC
NO/NC
G2R-14-U
100/(110) VAC
200/(220) VAC
G2R-24-U
24, 100/(110) VAC
200/(220) VAC
5, 12, 24, 48 VDC
5, 12, 24, 48 VDC
100 VDC
100 VDC
Rated coil voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com