Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G2R
Description  PCB Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 5 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
G2R
PCB Power Relay
G
2
R
● Contacts: Flux Protection Type
* This value was measured at a switching frequency of 120 operations/min.
● Contacts: Fully Sealed Type
* This value was measured at a switching frequency of 120 operations/min.
● Contacts: Latching Type
* This value was measured at a switching frequency of 120 operations/min.
Classification
Standard type
Quick-connect Terminal (1single-pole type)
High-capacity type
Bifurcated contact type
High-sensitivity type
Number of poles
1-pole
2-pole
1-pole
2-pole
1-pole
2-pole
Item
Load
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Contact type
Single
Single
Bifurcated
Single
Contact material
Ag-alloy (Cd free)
Rated load
10 A at
250 VAC
10 A at 30
VDC
7.5 A at
250 VAC
5 A at 30
VDC
5 A at 250
VAC
5 A at 30
VDC
2 A at 250
VAC
3 A at 30
VDC
16 A at
250 VAC
16 A at 30
VDC
8 A at 250
VAC
8 A at 30
VDC
5 A at 250
VAC
5 A at 30
VDC
2 A at 250
VAC
3 A at 30
VDC
5 A at 250
VAC
5 A at 30
VDC
2 A at 250
VAC
3 A at 30
VDC
3 A at 250
VAC
3 A at 30
VDC
1 A at 250
VAC
1.5 A at
30 VDC
Rated carry current
10 A
5 A
16 A
5 A
5 A
3 A
Max. switching voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
10 A
5 A
16 A
5 A
5 A
3 A
Failure rate (P level)
(reference value) *
100 mA at 5 VDC
10 mA at 5 VDC
100 mA at 5 VDC
1 mA at 5 VDC
100 mA at 5 VDC
10 mA at 5 VDC
Classification
Standard type (Single contact type)
Bifurcated contact type
Number of poles
1-pole
2-pole
1-pole
Item
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Contact type
Single
Single
Bifurcated
Contact material
Ag-alloy (Cd free)
Rated load
8 A at 250 VAC
8 A at 30 VDC
6 A at 250 VAC
4 A at 30 VDC
4 A at 250 VAC
4 A at 30 VDC
1.5 A at 250 VAC
2.5 A at 30 VDC
5 A at 250 VAC
5 A at 30 VDC
2 A at 250 VAC
3 A at 30 VDC
Rated carry current
8 A
4 A
5 A
Max. switching voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
8 A
4 A
5 A
Failure rate (P level)
(reference value) *
100 mA at 5 VDC
10 mA at 5 VDC
1 mA at 5 VDC
Number of poles
1-pole
2-pole
Item
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Contact type
Single
Single
Contact material
Ag-alloy (Cd free)
Rated load
5 A at 250 VAC
5 A at 30 VDC
3.5 A at 250 VAC
2.5 A at 30 VDC
3 A at 250 VAC
3 A at 30 VDC
1.5 A at 250 VAC
2 A at 30 VDC
Rated carry current
5 A
3 A
Max. switching voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
5 A
3 A
Failure rate (P level)
(reference value) *
100 mA at 5 VDC
10 mA at 5 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com