Electronic Components Datasheet Search
  English  ▼

X  

LT5568 Datasheet(PDF) 12 Page - Linear Technology

Part # LT5568
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT5568 Datasheet HTML 8Page - Linear Technology LT5568 Datasheet HTML 9Page - Linear Technology LT5568 Datasheet HTML 10Page - Linear Technology LT5568 Datasheet HTML 11Page - Linear Technology LT5568 Datasheet HTML 12Page - Linear Technology LT5568 Datasheet HTML 13Page - Linear Technology LT5568 Datasheet HTML 14Page - Linear Technology LT5568 Datasheet HTML 15Page - Linear Technology LT5568 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT5575
12
5575f
APPLICATIONS INFORMATION
The RF input impedance and S11 parameters (without
external matching components) are listed in Table 1.
LO Input Port
The demodulator’s LO input interface is shown in Fig-
ure 6. The input consists of an integrated transformer and a
precision quadrature phase shifter which generates 0° and
90° phase-shifted LO signals for the LO buffer amplifiers
driving the I/Q mixers. The primary side of the transformer
is connected to the LO input pin. The secondary side of
the transformer is connected to the differential inputs of
the LO quadrature generator. Under no circumstances
should an external DC voltage be applied to the input pin.
DC current flowing into the primary side of the transformer
may damage the transformer. A series blocking capacitor
should be used to AC-couple the LO input port to the LO
signal source.
Table 1. RF Input Impedance
FREQUENCY
(GHz)
INPUT
IMPEDANCE (
Ω)
S11
MAG
ANGLE (°)
0.8
8.1 +j 21.3
0.760
133.0
0.9
10.5 +j 24.9
0.715
125.4
1.0
13.8 +j 28.8
0.660
117.2
1.1
18.6 +j 32.5
0.595
108.6
1.2
25.2 +j 35.5
0.521
99.6
1.3
33.6 +j 36.8
0.441
90.3
1.4
43.1 +j 34.6
0.355
80.8
1.5
51.4 +j 28.4
0.270
71.6
1.6
55.8 +j 19.3
0.188
63
1.7
55.4 +j 10.4
0.110
56.9
1.8
51.8 +j 3.9
0.042
63
1.9
46.9 +j 0.4
0.032
172.7
2.0
42.3 +j –0.8
0.084
–173.9
2.1
38.4 +j –0.3
0.131
–178.2
2.2
35.4 +j 1
0.172
175.3
2.3
33 +j 2.9
0.207
168.4
2.4
31.5 +j 4.9
0.235
161.9
2.5
30.4 +j 7
0.258
155.4
2.6
29.9 +j 9.1
0.274
149.2
2.7
29.7 +j 11.1
0.287
143.4
The LO input port is internally matched over a wide fre-
quency range from 1.5GHz to 2.7GHz with input return
loss typically better than 10dB. No external matching
network is needed for this frequency range. When the part
is operated at a lower frequency, the input return loss can
be improved with the matching network shown in Figure
6. Shunt capacitor C12 and series capacitor C13 can be
selected for optimum input impedance matching at the
desired frequency as illustrated in Figure 7. For lower
frequency operation, external matching component C13
can serve as the series DC blocking capacitor.
Figure 7. LO Input Return Loss with External Matching
Figure 6. LO Input Interface
5575 F06
11
10
EXTERNAL
MATCHING
NETWORK FOR
LOW BAND AND
MID BAND
LO
INPUT
LO
C12
C13
LO QUADRATURE
GENERATOR AND
BUFFER AMPLIFIERS
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
5575 F07
NO EXTERNAL
MATCHING
C13 = 5.6pF;
NO SHUNT CAP
C13 = 5.6pF;
C12 = 3.9pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com