Electronic Components Datasheet Search
  English  ▼

X  

LT5568 Datasheet(PDF) 16 Page - Linear Technology

Part # LT5568
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT5568 Datasheet HTML 8Page - Linear Technology LT5568 Datasheet HTML 9Page - Linear Technology LT5568 Datasheet HTML 10Page - Linear Technology LT5568 Datasheet HTML 11Page - Linear Technology LT5568 Datasheet HTML 12Page - Linear Technology LT5568 Datasheet HTML 13Page - Linear Technology LT5568 Datasheet HTML 14Page - Linear Technology LT5568 Datasheet HTML 15Page - Linear Technology LT5568 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT5575
16
5575f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0107 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
Infrastructure
LT5514
Ultralow Distortion, IF Amplifier/ADC Driver
with Digitally Controlled Gain
850MHz Bandwidth, 47dBm OIP3 at 100MHz, 10.5dB to 33dB Gain Control Range
LT5515
1.5GHz to 2.5GHz Direct Conversion Quadrature
Demodulator
20dBm IIP3, Integrated LO Quadrature Generator
LT5516
0.8GHz to 1.5GHz Direct Conversion Quadrature
Demodulator
21.5dBm IIP3, Integrated LO Quadrature Generator
LT5517
40MHz to 900MHz Quadrature Demodulator
21dBm IIP3, Integrated LO Quadrature Generator
LT5518
1.5GHz to 2.4GHz High Linearity Direct
Quadrature Modulator
22.8dBm OIP3 at 2GHz, –158.2dBm/Hz Noise Floor, 50Ω Single-Ended RF and LO
Ports, 4-Channel W-CDMA ACPR = – 64dBc at 2.14GHz
LT5519
0.7GHz to 1.4GHz High Linearity Upconverting
Mixer
17.1dBm IIP3 at 1GHz, Integrated RF Output Transformer with 50Ω Matching,
Single-Ended LO and RF Ports Operation
LT5520
1.3GHz to 2.3GHz High Linearity Upconverting
Mixer
15.9dBm IIP3 at 1.9GHz, Integrated RF Output Transformer with 50Ω Matching,
Single-Ended LO and RF Ports Operation
LT5521
10MHz to 3700MHz High Linearity
Upconverting Mixer
24.2dBm IIP3 at 1.95GHz, NF = 12.5dB, 3.15V to 5.25V Supply, Single-Ended LO
Port Operation
LT5522
600MHz to 2.7GHz High Signal Level
Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz, NF = 12.5dB, 50Ω Single-Ended RF
and LO Ports
LT5524
Low Power, Low Distortion ADC Driver with
Digitally Programmable Gain
450MHz Bandwidth, 40dBm OIP3, 4.5dB to 27dB Gain Control
LT5525
High Linearity, Low Power Downconverting
Mixer
Single-Ended 50Ω RF and LO Ports, 17.6dBm IIP3 at 1900MHz, ICC = 28mA
LT5526
High Linearity, Low Power Downconverting
Mixer
3V to 5.3V Supply, 16.5dBm IIP3, 100kHz to 2GHz RF, NF = 11dB, ICC = 28mA,
–65dBm LO-RF Leakage
LT5527
400MHz to 3.7GHz High Signal Level
Downconverting Mixer
IIP3 = 23.5dBm and NF = 12.5dBm at 1900MHz, 4.5V to 5.25V Supply, ICC = 78mA,
Conversion Gain = 2dB
LT5528
1.5GHz to 2.4GHz High Linearity Direct
Quadrature Modulator
21.8dBm OIP3 at 2GHz, –159.3dBm/Hz Noise Floor, 50Ω, 0.5VDC Baseband
Interface, 4-Channel W-CDMA ACPR = – 66dBc at 2.14GHz
LT5558
600MHz to 1100MHz High Linearity Direct
Quadrature Modulator
22.4dBm OIP3 at 900MHz, –158dBm/Hz Noise Floor, 3kΩ, 2.1VDC Baseband
Interface, 3-Ch CDMA2000 ACPR = –70.4dBc at 900MHz
LT5560
Ultra-Low Power Active Mixer
10mA Supply Current, 10dBm IIP3, 10dB NF, Usable as Up- or Down-Converter.
LT5568
700MHz to 1050MHz High Linearity Direct
Quadrature Modulator
22.9dBm OIP3 at 850MHz, –160.3dBm/Hz Noise Floor, 50Ω, 0.5VDC Baseband
Interface, 3-Ch CDMA2000 ACPR = –71.4dBc at 850MHz
LT5572
1.5GHz to 2.5GHz High Linearity Direct
Quadrature Modulator
21.6dBm OIP3 at 2GHz, –158.6dBm/Hz Noise Floor, High-Ohmic 0.5VDC Baseband
Interface, 4-Ch W-CDMA ACPR = –67.7dBc at 2.14GHz
RF Power Detectors
LTC
®5505
RF Power Detectors with > 40dB Dynamic Range 300MHz to 3GHz, Temperature Compensated, 2.7V to 6V Supply
LTC5507
100kHz to 1000MHz RF Power Detector
100kHz to 1GHz, Temperature Compensated, 2.7V to 6V Supply
LTC5508
300MHz to 7GHz RF Power Detector
44dB Dynamic Range, Temperature Compensated, SC70 Package
LTC5509
300MHz to 3GHz RF Power Detector
36dB Dynamic Range, Low Power Consumption, SC70 Package
LTC5530
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Shutdown, Adjustable Gain
LTC5531
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Shutdown, Adjustable Offset
LTC5532
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Adjustable Gain and Offset
LT5534
50MHz to 3GHz Log RF Power Detector with
60dB Dynamic Range
±1dB Output Variation over Temperature, 38ns Response Time, Log Linear
Response
LTC5536
Precision 600MHz to 7GHz RF Power Detector
with Fast Comparator Output
25ns Response Time, Comparator Reference Input, Latch Enable Input,
–26dBm to +12dBm Input Range
LT5537
Wide Dynamic Range Log RF/IF Detector
Low Frequency to 1GHz, 83dB Log Linear Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com