Electronic Components Datasheet Search
  English  ▼

X  

LT5568 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5568
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 5 Page - Linear Technology

  LT5568 Datasheet HTML 1Page - Linear Technology LT5568 Datasheet HTML 2Page - Linear Technology LT5568 Datasheet HTML 3Page - Linear Technology LT5568 Datasheet HTML 4Page - Linear Technology LT5568 Datasheet HTML 5Page - Linear Technology LT5568 Datasheet HTML 6Page - Linear Technology LT5568 Datasheet HTML 7Page - Linear Technology LT5568 Datasheet HTML 8Page - Linear Technology LT5568 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5575
5
5575f
RF INPUT POWER (dBm)
–16
40
45
50
55
60
70
–12
–8
–4
0
5575 G07
48
65
2500MHz
1900MHz
900MHz
LO INPUT POWER (dBm)
–15
–60
–55
–50
5
5575 G08
–65
–70
–80
–10
–5
0
–75
–40
–45
900MHz
1900MHz
2500MHz
RF FREQUENCY (MHz)
800
–0.3
–0.2
–0.1
0.0
0.1
0.3
1100 1400 1700 2000
5575 G05
2300 2600
0.2
–40
°C
25
°C
85
°C
fBB = 1MHz
RF FREQUENCY (MHz)
800
3
2
1
0
1
3
1100 1400 1700 2000
5575 G06
2300 2600
2
–40
°C
25
°C
85
°C
fBB = 1MHz
RF INPUT POWER (dBm)
–15
–1
0
1
2
3
5
–10
–5
0
5
5575 G04
10
15
4
2500MHz
1900MHz
900MHz
TYPICAL AC PERFORMANCE CHARACTERISTICS
Conversion Gain, NF and IIP3
vs Frequency
IIP2 vs Frequency
Supply Current
vs Supply Voltage
Conversion Gain
vs RF Input Power
I/Q Gain Mismatch
vs RF Input Frequency
I/Q Phase Mismatch
vs RF Input Frequency
RF-LO Isolation
vs RF Input Power
LO-RF Leakage
vs LO Input Power
Conversion Gain
vs Baseband Frequency
VCC = 5V, EN = High, TA = 25ºC, PRF = –10dBm
(–10dBm/tone for 2-tone IIP2 and IIP3 tests), fBB = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
Test Circuit Shown in Figure 1 (Note 6).
RF INPUT FREQUENCY (MHz)
800
15
20
25
2600
2300
2000
5575 G01
10
5
0
1100
1400
1700
35
30
HIGH BAND
MID
BAND
LOW
BAND
CONV GAIN
DSB NF
IIP3
–40
°C
25
°C
85
°C
RF INPUT FREQUENCY (MHz)
40
45
50
55
60
70
5575 G02
65
–40
°C
25
°C
85
°C
800
1100 1400 1700 2000 2300 2600
SUPPLY VOLTAGE (V)
4.50
100
110
120
130
140
150
160
4.75
5.00
5.25
5.50
5575 G03
–40
°C
85
°C
25
°C
BASEBAND FREQUENCY (MHz)
0.1
0
1
2
3
4
5
6
1.0
10
100
1000
5575 G09
fLO = 1901MHz
–40
°C
85
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com