Electronic Components Datasheet Search
  English  ▼

X  

LT5568 Datasheet(PDF) 14 Page - Linear Technology

Part # LT5568
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT5568 Datasheet HTML 8Page - Linear Technology LT5568 Datasheet HTML 9Page - Linear Technology LT5568 Datasheet HTML 10Page - Linear Technology LT5568 Datasheet HTML 11Page - Linear Technology LT5568 Datasheet HTML 12Page - Linear Technology LT5568 Datasheet HTML 13Page - Linear Technology LT5568 Datasheet HTML 14Page - Linear Technology LT5568 Datasheet HTML 15Page - Linear Technology LT5568 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT5575
14
5575f
APPLICATIONS INFORMATION
Care should be taken when the demodulator’s outputs are
DC-coupled to the external load to make sure that the I/Q
mixers are biased properly. If the current drain from the
outputs exceeds 6mA, there can be significant degrada-
tion of the linearity performance. Each output can sink no
more than 16.8mA when the outputs are connected to an
external load with a DC voltage higher than VCC – 1.1V.
The I/Q output equivalent circuit is shown in Figure 8.
In order to achieve best IIP2 performance, it is important
to minimize high frequency coupling among the baseband
outputs, RF port and LO port. For a multilayer PCB layout
design, the metal lines of the baseband outputs should be
placed on the backside of the PCB as shown in Figures 2
and 3. Typically, output shunt capacitors C1-C4 are not
required for the application near 1900MHz. However, for
other frequency bands, these capacitors can be optimized
for best IIP2 performance. For example, when the oper-
ating frequency is 900MHz, the IIP2 can be improved to
54dBm or better when 10pF shunt capacitors are placed
at each output.
Enable Interface
A simplified schematic of the EN pin is shown in Fig-
ure 9. The enable voltage necessary to turn on the LT5575
is 2V. To disable or turn off the chip, this voltage should
be below 1V. If the EN pin is not connected, the chip is
disabled. However, it is not recommended that the pin be
left floating for normal operation.
It is important that the voltage applied to the EN pin
should never exceed VCC by more than 0.3V. Otherwise,
the supply current may be sourced through the upper
ESD protection diode connected at the EN pin. Under no
circumstances should voltage be applied to the EN pin
before the supply voltage is applied to the VCC pin. If this
occurs, damage to the IC may result.
Figure 9. Enable Pin Simplified Circuit
5
VCC
EN
5575 F09
60k
60k
LT5575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com