Electronic Components Datasheet Search
  English  ▼

X  

CS5542 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5542
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5542 Datasheet HTML 2Page - Cirrus Logic CS5542 Datasheet HTML 3Page - Cirrus Logic CS5542 Datasheet HTML 4Page - Cirrus Logic CS5542 Datasheet HTML 5Page - Cirrus Logic CS5542 Datasheet HTML 6Page - Cirrus Logic CS5542 Datasheet HTML 7Page - Cirrus Logic CS5542 Datasheet HTML 8Page - Cirrus Logic CS5542 Datasheet HTML 9Page - Cirrus Logic CS5542 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CS5542 CS5543
6
DS109PP2
CS5543 FILTER CHARACTERISTICS: (T
A= 25°C, VD1+ = VD2+ = VD3+ = 5 V ±5%; GND1 =
GND2 = GND3 = 0 V; Output Word Rate (OWR) = CLKIN/2048)
Parameter
Min
Typ
Max
Units
Passband
-
-
0.5
OWR
-3 dB Frequency
-
0.536
-
OWR
Equivalent Noise Bandwidth
0.536
OWR
Stop Band
0.016
0.5
128 X
OWR
Stop Band Rejection
(CS5543 only)
120
dB
Stop Band Rejection
(CS5542/43 Combination)
127
dB
Group Delay
3/OWR
s
Group Delay vs. Frequency (Linear Phase)
0
s
Decimation Ratio
(CS5543 input to output)
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com