Electronic Components Datasheet Search
  English  ▼

X  

CS5542 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5542
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5542 Datasheet HTML 18Page - Cirrus Logic CS5542 Datasheet HTML 19Page - Cirrus Logic CS5542 Datasheet HTML 20Page - Cirrus Logic CS5542 Datasheet HTML 21Page - Cirrus Logic CS5542 Datasheet HTML 22Page - Cirrus Logic CS5542 Datasheet HTML 23Page - Cirrus Logic CS5542 Datasheet HTML 24Page - Cirrus Logic CS5542 Datasheet HTML 25Page - Cirrus Logic CS5542 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
CS5542 CS5543
22
DS109PP2
The Operating Mode Register (OMR) allows ac-
cess to the device operating modes via the DATA-
SEL and DMODE pins as shown in figure 9.
The Bypass Register allows a minimum length path
between the TDI and TDO pins on the device. This
register can be selected whenever the device does
not need to be tested during board-level test opera-
tion.
TAP Operation for EXTEST
Before execution of the instruction EXTEST, the
SAMPLE/PRELOAD instruction must be used to
load testing data to all output pins through TDI.
Each output pin requires two bits. The first bit to
be shifted in controls the output enable function. If
a logic 1 is entered, the output is enabled; if a logic
0 is entered, the output is disabled. The second bit
shifted in after the first bit is the test data. There-
fore, two TCK cycles are required to load testing
data into the boundary-scan register for each output
pin.
Device Identification Register
Table 7. Device Identification Register
TDI
DATSEL
DMODE
3 2 1 0 2 1 0
6 5 4 3 2 1 0
TDO
OMR Bit #
Figure 9. Operating Mode Register
MSB
31
16
V3
V2
V1
V0
P15
P14
P13
P12
P11
P10
P9
P8
P7
P6
P5
P4
15
LSB
0
P3
P2
P1
P0
M10
M9M8M7M6M5M4M3M2M1M0
1
BIT
NAME
VALUE
FUNCTION
V3-V0
Version Bits
0000
Version Number of Device
P15-P0
Part Number Bits
0101010101000011
Part Number of Device
M10-M0
Manufacture Number Bits
00001100100
Manufacture Number
L0
Logic 1
1
Always Logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com