Electronic Components Datasheet Search
  English  ▼

X  

CS5542 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5542
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5542 Datasheet HTML 10Page - Cirrus Logic CS5542 Datasheet HTML 11Page - Cirrus Logic CS5542 Datasheet HTML 12Page - Cirrus Logic CS5542 Datasheet HTML 13Page - Cirrus Logic CS5542 Datasheet HTML 14Page - Cirrus Logic CS5542 Datasheet HTML 15Page - Cirrus Logic CS5542 Datasheet HTML 16Page - Cirrus Logic CS5542 Datasheet HTML 17Page - Cirrus Logic CS5542 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
CS5542 CS5543
14
DS109PP2
pins.
When entering calibration commands via the
DTEST lines, the calibration steps must follow a
specific sequence for the CS5542/CS5543 pair to
be properly calibrated. Figure 4 illustrates the cal-
ibration sequence for the CS5542/CS5543 chip set.
After the RST is issued, the chip set will be in the
normal mode. The first calibration step is the Input
Offset Voltage Cal mode.
The CS5542 is designed to digitize an input cur-
rent. This current is normally sourced from a pho-
todiode at the input of the chip. The Input Offset
Voltage Cal step is intended to remove any offset at
the front end of the modulator. This should be cal-
ibrated with no photodiode current present. If the
phototdiode is replaced with a resistor, the voltage
Table 1. Operation Modes
Notes: 1. MSW = Most Significant Word
2. LSW = Least Significant Word
Table 2. Control Modes
DATSEL[3:0]
DTEST[2:0]
FUNCTION
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Normal Operation
Input Offset Voltage Cal
Noise Cal
System Offset Cal
Full-Scale Gain Cal (Uses ICAL input)
Full-Scale Gain Cal (Uses INL(INR) input)
Decimator and Modulator Power-Down
Modular Power Down
DTEST[2:0]
DATSEL[3:0]
FUNCTION
DATA TYPE
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0
0 0 0 0
0 0 0 1
0 0 1 0
0 0 1 1
0 1 0 0
0 1 0 1
0 1 1 0
0 1 1 1
1 0 0 0
1 0 0 1
1 0 1 0
1 0 1 1
1 1 X X
Normal Operation
Tri-State Dataout [3:0] Pins
Test Pattern #1
Test Pattern #2
Offset Cal Register Load
Offset Cal Register Load
Gain Cal Register Load
Noise Cal Register Load
Offset Cal Register Read
Offset Cal Register Read
Gain Cal Register Read
Noise Cal Register Read
Reserved
(SIGN, MSB first)
(- - -)
(MSW) (Note 1)
(LSW) (Note 2)
(MSW)
(LSW)
Note: Main Current Input must be idle for all calibration modes except for Gain Cal using INL(INR).
Normal
System
Reset
Input Offset
Voltage
Cal
Noise
Cal
System
Offset
Cal
INR(INL)
or ICAL
Gain Cal
Normal
Figure 4. Calibration Sequence CS5542/CS5543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com