Electronic Components Datasheet Search
  English  ▼

X  

CS5542 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5542
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5542 Datasheet HTML 20Page - Cirrus Logic CS5542 Datasheet HTML 21Page - Cirrus Logic CS5542 Datasheet HTML 22Page - Cirrus Logic CS5542 Datasheet HTML 23Page - Cirrus Logic CS5542 Datasheet HTML 24Page - Cirrus Logic CS5542 Datasheet HTML 25Page - Cirrus Logic CS5542 Datasheet HTML 26Page - Cirrus Logic CS5542 Datasheet HTML 27Page - Cirrus Logic CS5542 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CS5542 CS5543
24
DS109PP2
CS5542 PIN DESCRIPTIONS
DGND - Digital Ground, Pin 22.
Digital ground.
Digital Input Pins-
MCLK - Modulator Clock Input, Pin 17.
The modulator clock input provides the necessary clock for operation of the modulator. MCLK
operates at 16 times the modulator sample rate. MCLK is 2048 times the output word rate.
FSYNC - Frame Sync, Pin 16.
The transition from a low to high level on this input supplied by the CS5543, will reset the
internal master timing of the CS5542 and synchronize its data with each output word.
CAL[1:0] - Calibration Control, Pins 19, 18.
The mode of operation for the CS5542 is selected through the calibration control pins via the
CS5543 and is summarized in the table below.
CAL1
CAL0
Mode Selected
0
0
Normal Operation, Noise CAL, Offset CAL
0
1
Input offset voltage calibrate
1
0
Unused code
1
1
Full Scale gain calibrate
Normal Calibration Sequence
01
Input Offset
00
Noise CAL(Dark)
00
Offset CAL(Dark)
11
Gain CAL
00
Normal Operation
SEL[1:0] - Time Slot Selections, Pins 15,14
The binary code applied to SEL0 and SEL1 will determine the time slot pair associated with
the CS5542. Each of the up to four CS5542’s connected to a single CS5543 must have a unique
code assigned to the combination of SEL0 and SEL1.
CAPSIZE - Full Scale Input Range Select, Pin 1.
When CAPSIZE = 0, CDAC = 1.6 pF; when CAPSIZE = 1, CDAC = 4.8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com