Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHVPD2 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT30CHVPD2
Description  USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHVPD2 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT30CHVPD2 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Warranty
3 Years
USB-C Host Connection
Yes
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
1
Ports
6
Interface
USB 3.2 Gen 1
Bus Type
USB-C
USB Pass-Through
Yes
Chipset ID
AG6320
FL5001
FL7102
RTL8153
Performance
Maximum Digital
Resolutions
3840x2160 (4K 30Hz)
Type and Rate
USB 3.2 Gen 1 - 5 Gbit/s
Connector(s)
Internal Ports
1 - USB 3.2 Type-A (9 pin, Gen 1, 5Gbps)
1 - USB 3.2 Type-A (9 pin, Fast-Charge)
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
1 - Ethernet Gigabit
1 - HDMI
1 - VGA (14 pin, High Density D-Sub)
Host Connectors
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
Software
OS Compatibility
Windows 8.1, 10, 11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com