Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHVPD2 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT30CHVPD2
Description  USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHVPD2 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT30CHVPD2 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/
100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
Product ID: DKT30CHVPD2
This USB-C multiport adapter turns your MacBook Pro, USB-C laptop, Chromebook, or Android (Samsung Galaxy
S8, Note 9 and above) device into a workstation, anywhere you go. A USB Type-C adapter, ideal for travel, features
everything from the essential HDMI or VGA video outputs, USB ports, and 100W PD including PD passthrough, and
gigabit Ethernet. All through a single extended length 30 cm, Thunderbolt 3 or USB-C attached host cable, providing
more flexibility for harder to reach laptop and tablet connections.
To ensure full adapter functionality, your laptop's USB-C port must support USB Power Delivery and DP Alt Mode.
This USB-C multiport adapter features both an HDMI and VGA port providing you with two single video output options
for your boardroom presentations or your workstation setup including support for an ultra-wide monitor.
With support for USB PD 3.0 (up to 100W), the USB Type-C multiport adapter lets you power and charge your laptop,
and power your peripherals when connected to a USB-C power adapter. The USB-C hub features PD passthrough so
you can use your laptop's own charger to power the hub (requires 12W) and power or charge your laptop
simultaneously.
The USB-C to USB 3.0 hub gives you one USB-C port (power & data) and two USB-A ports to connect your latest
and legacy USB devices; includes a gigabit Ethernet port for a direct LAN connections.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: To setup and save custom windows layouts.
Mac Address Pass-Through Utility: To improve network security.
USB Event Monitoring Utility: To track and log connected USB devices
Wi-Fi Auto Switch Utility: Enabling users to quickly access faster network speeds via wired LAN.


Similar Part No. - DKT30CHVPD2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVSDPD STARTECH-DKT30CHVSDPD Datasheet
148Kb / 6P
USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock
More results

Similar Description - DKT30CHVPD2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-H4GUBC TRIPPLITE-U444-06N-H4GUBC Datasheet
180Kb / 4P
USB-C to HDMI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 4K - PD Charging, 30Hz, Black
U444-06N-H4UB-C TRIPPLITE-U444-06N-H4UB-C Datasheet
163Kb / 3P
USB-C to HDMI Adapter with USB-A Hub and PD Charging ??USB 3.1, Thunderbolt 3, 4K x 2K @ 30Hz, Black
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-06N-HV4GU TRIPPLITE-U444-06N-HV4GU Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A and Gigabit Ethernet, White
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com