Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHVPD2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30CHVPD2
Description  USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHVPD2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30CHVPD2 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.StarTech.com/Connectivity-Tools
DKT30CHVPD2 is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
Features
• 6-IN-1 MULTIPORT ADAPTER: USB-C mini dock with HDMI 4K 30Hz or VGA 1080p video outputs, 2x USB-A
(USB 3.1 Gen 1 5Gbps) with 1x BC 1.2 charging, 1x USB-C (100W PD 3.0 or 5Gbps data), Gigabit ethernet; works
w/ HDMI ultra-wide monitors/displays (3440x1440)
• EXTRA LONG CABLE: USB C multiport adapter with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• WIDE COMPATIBILITY: Compatible with USB-C laptops, ultrabooks & Chromebooks, plus Thunderbolt 3 laptops
from HP, Dell, Lenovo, MacBooks (Intel processor & M1 chip), and Surface; USBC multiport adapter works w/
Windows, macOS, iPadOS, Android & Chrome OS
• PORTABLE & COMPACT: Portable, durable aluminum USB Type-C multiport adapter is designed for easy
transport in a laptop bag for convenient on-the-go use between office, home office, shared office spaces, and
business travel
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
MAC Address Changer, USB Event Monitoring, Windows Layout & Wi-Fi Auto Switch utilities
Hardware



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com