Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHVPD2 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT30CHVPD2
Description  USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHVPD2 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT30CHVPD2 Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHVPD2 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
macOS 10.10 to 10.15, 11, 12
Ubuntu 18.04, 20.04, Chrome OS, Android 9.0, iPadOS
Special Notes /
Requirements
System and Cable
Requirements
Host laptop with an available USB-C port (to ensure full
functionality, the laptop's USB-C port must support DP alt mode).
Power
Power Source
Bus Powered and Host USB-C Power Adapter
Power Delivery
100W
Environmental
Operating Temperature
0 to +45
Storage Temperature
-10 to +70
Humidity
10% to 85 % RH
Physical
Characteristics
Color
Black & Gray
Cable Length
11.8 in [30 cm]
Product Length
2.0 in [5.2 cm]
Product Width
3.7 in [9.5 cm]
Product Height
0.6 in [1.4 cm]
Weight of Product
3.9 oz [110.0 g]
Packaging
Information
Package Quantity
1
Package Length
6.7 in [17.0 cm]
Package Width
5.6 in [14.2 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
4.8 oz [135.0 g]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com